Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LC2-15A-R

  • AI
    ## LC2-15A-R: Electronic Component Overview The **LC2-15A-R** is a specific model within the series of **low-pass LC filters**, typically manufactured by companies like **Murata** or specialized filter producers. These components are designed to suppress high-frequency noise in electronic circuits while allowing desired low-frequency signals to pass. --- ### 1. Technical Specifications Below is a breakdown of the standard parameters for the LC2-15A-R: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | LC Low-Pass Filter | | **Rated Current** | 15A (High Current Capacity) | | **Cut-off Frequency** | Depends on specific application (varies by series) | | **Mounting Type** | Through-hole or PCB surface mount (depending on suffix) | | **Operating Temperature** | -25°C to +85°C (Typical) | | **Termination** | Radial/Lead-based | --- ### 2. Key Electronic Features 1. **Inductive-Capacitive (LC) Network**: The "LC" indicates that the part contains an **Inductor (L)** and a **Capacitor (C)**. These are arranged in a specific configuration (like a Pi-filter or T-filter) to create a steep roll-off for electromagnetic interference (EMI). 2. **High Current Rating**: The **"15A"** in the part number signifies a rated current of **15 Amperes**. This is exceptionally high for small board-level filters, suggesting it is used in power supply lines rather than signal lines. 3. **EMI/RFI Suppression**: Its primary job is to block **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**. It prevents high-frequency noise from leaking out of a power supply or entering a sensitive circuit. --- ### 3. Application Areas * **Switching Power Supplies (SMPS)**: To filter out the high-frequency switching noise. * **DC-DC Converters**: Protecting downstream components from ripple voltage. * **Industrial Equipment**: Providing clean power to control systems in noisy environments. * **Audio Equipment**: Eliminating high-frequency hiss or interference from power rails. --- ### 4. Circuit Representation A basic LC filter (L-section) as found in this component can be represented as: ```text [Input] ----[ Inductor (L) ]---- [Output] | [ Capacitor (C) ] | [ GND ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an LC filter and a CLC (Pi) filter in terms of noise suppression?
    • ⤷ Can the LC2-15A-R be used for AC power lines or is it strictly for DC?
    • ⤷ What are the physical dimensions and lead spacing for the LC2-15A-R?