Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LC20-R0

  • AI
    The **LC20-R0** is a specific electronic module, commonly associated with high-precision **load cell signal conditioners** or **digital indicators** (frequently manufactured by companies like A&D or industrial sensor suppliers). Below is an explanation of its core electronic parts, functions, and specifications. --- ### 1. Core Component Breakdown The LC20-R0 is designed to bridge the gap between an analog strain gauge (load cell) and a digital control system (PLC/PC). | Component Category | Description | Purpose | | :--- | :--- | :--- | | **A/D Converter** | High-resolution Delta-Sigma converter | Translates millivolt signals from scales into digital data. | | **Excitation Circuit** | Regulated Voltage Output (typically 5V or 10V DC) | Powers the Wheatstone bridge inside the load cell. | | **Amplifier Stage** | Low-noise instrumentation amplifier | Boosts the tiny $(\mu V/V)$ signal from the sensor. | | **Output Interface** | Relay Outputs / Analog Out | Triggering alarms or sending data to a controller. | | **Isolation Barrier** | Opto-couplers or Galvanic isolation | Protects the CPU from electrical noise and surges. | --- ### 2. Technical Specifications Depending on the specific industrial revision, the "R0" suffix usually denotes a specific configuration (often relating to relay outputs or standard communication). * **Input Sensitivity:** Typically 0.2 $\mu V$/digit or higher. * **Sampling Rate:** High-speed conversion (often 10 to 100 times per second). * **Non-linearity:** Within 0.01% of full scale. * **Power Supply:** Generally operates on 24V DC (standard for industrial DIN rail equipment). --- ### 3. Wiring and Pinouts (Electronic Interface) The device typically features a terminal block with the following electronic connections: 1. **Excitation (+/-):** Supplies power to the load cell. 2. **Signal (+/-):** Receives the differential voltage from the load cell. 3. **Sense (+/-):** (Optional) Compensates for voltage drops in long cables. 4. **Relay Terminals:** Common (COM), Normally Open (NO), and Normally Closed (NC) contacts for limit switching. --- ### 4. Key Electronic Features * **Digital Filtering:** Built-in software algorithms to remove mechanical vibration noise from the weight reading. * **Zero Tracking:** Electronic compensation for small drifts in the "empty" weight of the scale. * **Modbus/Serial Communication:** Many R0 variants include an RS-232C or RS-485 port for digital data transmission.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sampling rate of the LC20-R0?
    • ⤷ How do I calibrate the zero-point on this module?
    • ⤷ Can the LC20-R0 handle multiple load cells in parallel?