Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LCE-56-R/Q

  • AI
    The **LCE-56-R/Q** refers to a specific type of logic control or signaling electronic component, typically associated with **LED Signal Towers** or industrial indicators (often manufactured by companies like Patlite). The model breakdown usually indicates a 56mm diameter unit, Red (R) color, and specific mounting or wiring configurations (Q). --- ### 1. Key Electronic Specifications The internal electronics are designed for industrial environments, focusing on low power consumption and high durability. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 24V AC/DC (Standard for Q-series) | | **Current Consumption** | ~50mA per LED unit | | **Light Source** | High-intensity Light Emitting Diodes (LED) | | **Protection Circuit** | Built-in surge protection and polarity protection | | **Operating Temp** | -15°C to +60°C | --- ### 2. Core Electronic Components Inside the LCE-56-R/Q, you will find the following electronic assemblies: #### A. LED Array Module The "R" indicates a **Red LED** module. Unlike incandescent bulbs, these use a semi-conductor die (AlGaInP) to produce monochromatic light. * **Benefits:** Vibration resistance and a lifespan of approximately 100,000 hours. #### B. Driver Circuitry The base of the unit contains a driver board that manages: * **Voltage Regulation:** Ensures the LEDs receive a constant current regardless of slight fluctuations in the 24V supply. * **NPN/PNP Compatibility:** The electronic inputs are designed to be "Open Collector" compatible, meaning they can be triggered by PLC (Programmable Logic Controller) outputs. #### C. The "Q" Configuration (Wiring) The "Q" suffix often denotes a specific **M12 Quick Disconnect** connector or a specific lead-wire exit. * **Interface:** Uses a multi-core cable where each wire corresponds to a color tier or the internal buzzer (if equipped). --- ### 3. Wiring Logic The electronic integration follows a common-terminal logic. Most LCE units use a **Common Wire** (usually Yellow or Gray) and individual signal wires for each color. ```mermaid graph LR A[PLC Output] --> B[Signal Wire - Red] C[Power Supply 24V] --> D[Common Wire] B --> E[Internal LED Driver] D --> E E --> F[Red LED Array] ``` --- ### 4. Application Summary * **Automation:** Direct electronic interface with CNC machines. * **Safety:** Visual status indication for "Emergency Stop" or "Fault" (Red). * **Efficiency:** Extremely low thermal footprint compared to halogen indicators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP wiring for this model?
    • ⤷ Can the LCE-56-R/Q be upgraded with a buzzer module?
    • ⤷ What is the IP rating for the electronic housing of this unit?