Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LCMXO2-256UHC2UWG81CTRES

  • AI
    The **LCMXO2-256UHC-4UWG81CTR** (and its variants like the ES - Engineering Sample) belongs to the **MachXO2** family of Ultra-Low Power, Instant-on, non-volatile FPGAs developed by Lattice Semiconductor. --- ### 1. Part Number Breakdown Understanding the specific nomenclature helps identify the hardware capabilities: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **LCMXO2** | Product Family | MachXO2 (PLD/FPGA) | | **256** | Logic Density | 256 Look-Up Tables (LUTs) | | **UHC** | Voltage/Speed | Ultra High Speed / Core Voltage (typically 1.2V) | | **4** | Speed Grade | Grade 4 (Indicates performance level) | | **UWG81** | Package Type | Wafer Level Chip Scale Package (WLCSP), 81-ball | | **CTR** | Tape & Reel | Packaging method for automated assembly | | **ES** | Engineering Sample | Pre-production silicon for evaluation | --- ### 2. Technical Specifications This device is designed for space-constrained, power-sensitive applications like smartphones, tablets, and medical sensors. * **Logic Capacity:** 256 LUT4s. * **User I/O:** Approximately 55-58 programmable I/O pins (depending on configuration). * **Non-Volatile Memory:** Integrated Flash memory for configuration (Instant-on functionality). * **Embedded Memory:** Distributed RAM and User Flash Memory (UFM). * **I/O Standards:** Supports LVCMOS, LVTTL, PCI, and differential signaling (LVDS). * **Hardened IP:** Includes built-in I2C, SPI, and Timer/Counter blocks to save logic resources. --- ### 3. Key Features * **Instant-On:** Because the configuration is stored in internal Flash, the chip is operational in microseconds upon power-up. * **Low Power:** Designed for milliwatt-level operation, making it ideal for battery-powered logic "glue." * **WLCSP Package:** The 81-ball WLCSP is extremely small (roughly 3.8mm x 3.8mm), allowing it to fit into mobile devices. * **Security:** Features Flash protection bits to prevent unauthorized copying of the bitstream. --- ### 4. Typical Use Cases Due to its small size and low logic density, it is rarely used for heavy processing. Instead, it is used for: 1. **I/O Expansion:** Adding more GPIOs to a microcontroller. 2. **Interface Bridging:** Converting signals between I2C, SPI, and UART. 3. **Power Sequencing:** Managing the power-up timing of larger SoCs or CPUs. 4. **Sensor Hubs:** Aggregating data from multiple low-speed sensors. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an 'ES' (Engineering Sample) and a production-grade MachXO2 chip?
    • ⤷ What software tools are required to program the LCMXO2-256 series?
    • ⤷ How does the 'Instant-on' feature compare to SRAM-based FPGAs?