Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LCMXO2-640

  • AI
    ### Overview of LCMXO2-640 The **LCMXO2-640** belongs to the **MachXO2** family of Field Programmable Gate Arrays (FPGAs) manufactured by Lattice Semiconductor. These chips are designed for low-power, instant-on applications, bridging the gap between traditional CPLDs (Complex Programmable Logic Devices) and high-performance FPGAs. --- ### Key Technical Specifications The "640" in the part number refers to the approximate density of Look-Up Tables (LUTs). Below are the core technical details: | Parameter | Specification | | :--- | :--- | | **Logic Cells (LUTs)** | 640 | | **User I/Os** | Up to 159 (depending on package) | | **Embedded RAM (EBR)** | 18 Kbits (sysMEM) | | **Distributed RAM** | 5 Kbits | | **Flash Memory** | 640 Bits (User Flash Memory) | | **Voltage Supply** | 1.2V (ZE/HC models) or 2.5V/3.3V (HC models) | | **Hardened IP** | I2C, SPI, Timer/Counter, Oscillator | --- ### Major Electronic Subsystems #### 1. Programmable Logic Blocks (PFU) The core consists of Programmable Functional Units. Each PFU contains **four slices**, and each slice contains two 4-input LUTs. These are used to implement combinational logic, registers, and distributed RAM. #### 2. Embedded Flash Unlike many high-end FPGAs that require an external SPI Flash to load their configuration at power-up, the MachXO2-640 has **on-chip non-volatile Flash**. * **Instant-on:** The device is operational in milliseconds. * **TransFR:** Allows the device to be updated while the system is running. #### 3. SysI/O Buffers The I/O pins are highly versatile and support multiple standards: * **LVCMOS** (3.3V, 2.5V, 1.8V, 1.5V, 1.2V) * **LVTTL** * **PCI** * **Differential signaling** (LVDS, Bus-LVDS, MLVDS) #### 4. Hardened "Wishbone" IP To save logic cells for user applications, Lattice integrated fixed hardware blocks (Hardened IP) for common functions: * **I2C & SPI Interfaces:** Dedicated hardware for serial communication. * **Internal Oscillator:** Provides a clock source without needing an external crystal. --- ### Package Types and Variations The LCMXO2-640 is available in several physical formats to suit different PCB space requirements: * **TGLP (Thin Glass Leadless Package):** Very small footprint. * **QFP (Quad Flat Package):** Easier for manual soldering and prototyping. * **csBGA (Chip Scale Ball Grid Array):** High pin density for compact consumer electronics. --- ### Typical Applications Due to its low power consumption and small size, it is commonly used for: 1. **System Control:** Power sequencing, reset generation, and glue logic. 2. **Interface Bridging:** Converting signals between different I/O standards (e.g., I2C to parallel). 3. **I/O Expansion:** Adding more pins to a microcontroller that has run out of GPIOs.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 'HC' and 'ZE' power variants of the MachXO2?
    • ⤷ How does the 'Instant-on' feature work compared to SRAM-based FPGAs?
    • ⤷ Which software tools are required to program the LCMXO2-640?