Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LCS-0C-R

  • AI
    The **LCS-0C-R** belongs to the **LCS series** of miniature snap-action switches (often referred to as microswitches). These components are manufactured by various electronic component firms (such as C&K, now part of Littelfuse) and are primarily used for signal-level switching and detection. --- ## 1. Technical Specifications The "LCS-0C-R" designation typically describes the physical form factor, the electrical rating, and the actuator type. | Feature | Specification | | :--- | :--- | | **Switch Type** | Snap-Action / Microswitch | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Current Rating** | Typically 0.1A to 5A (model dependent) | | **Voltage Rating** | 125V AC / 30V DC | | **Actuator Style** | Lever (often a simulated roller or short lever) | | **Termination** | Solder terminals or PCB pins | | **Operating Force** | Light (typically < 150 grams) | --- ## 2. Key Internal Components The LCS-0C-R is comprised of several precision-engineered parts that ensure a reliable mechanical-to-electrical transition: ### A. The Plunger & Actuator The **R** in the suffix usually denotes the specific lever arm. In this case, it is often a **short straight lever** or a **simulated roller**. This part translates external physical force into internal movement. ### B. Snap-Action Mechanism Unlike a standard toggle, the LCS uses a **beryllium copper spring leaf**. This ensures that the contacts snap from one position to the other at a consistent speed, regardless of how slowly the lever is pressed. This prevents "arcing" and reduces wear. ### C. Contacts * **Stationary Contacts:** Fixed points for Normally Open (NO) and Normally Closed (NC) positions. * **Moving Contact:** Attached to the spring mechanism. * **Plating:** Usually gold-plated for low-current signal applications to prevent oxidation. ### D. Housing The body is typically made of **PBT (Polybutylene Terephthalate)** or a similar high-performance thermoplastic that is flame retardant (UL 94V-0 rated). --- ## 3. Typical Applications Because of its small size and high reliability, the LCS-0C-R is found in: 1. **Industrial:** Limit switches for moving parts. 2. **Consumer Electronics:** Detecting if a door is closed (e.g., microwave, printer). 3. **Medical:** Fluid level detection or panel interlocking. 4. **Computing:** Mouse buttons or joystick triggers. --- ## 4. Connection Diagram (SPDT) The switch features three pins, which are used as follows: ```text Pin 1: COM (Common) Pin 2: NC (Normally Closed) - Connected to COM when lever is UP. Pin 3: NO (Normally Open) - Connected to COM when lever is DOWN. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LCS' and 'LCG' series switches?
    • ⤷ How do I calculate the mechanical life expectancy of this switch?
    • ⤷ Can this switch be used for high-voltage power switching?