Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LCS-12B-R

  • AI
    The **LCS-12B-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Magnetic Transducer** or **Buzzer**. These components are widely used in consumer electronics to provide audible feedback (beeps or alarms). ### Technical Specifications The following table highlights the typical electrical and mechanical characteristics of the LCS-12B-R: | Parameter | Value/Description | | :--- | :--- | | **Type** | Magnetic / Electromagnetic Transducer | | **Mounting Type** | Surface Mount (SMD) | | **Rated Voltage** | 1.5V to 12V (Model dependent, usually 1.5V - 3V) | | **Operating Voltage** | 1.0 ~ 5.0 Vp-p | | **Current Consumption** | Max 70mA - 80mA (at rated voltage) | | **Sound Pressure Level (SPL)** | Min 85dB at 10cm | | **Resonant Frequency** | 2400 Hz - 2700 Hz | | **Operating Temperature** | -40°C to +85°C | | **Dimensions** | Approx. 12mm x 12mm x 9mm | --- ### Core Electronic Components & Construction The "R" in the part number often signifies **RoHS compliance** or a specific **Side-Opening** configuration for sound projection. Internally, the device consists of the following: 1. **Voice Coil:** A thin copper wire wound around a core. When an oscillating current passes through it, it creates a fluctuating magnetic field. 2. **Permanent Magnet:** Provides a static magnetic field that interacts with the coil's field. 3. **Diaphragm:** A thin metal plate (usually iron or a magnetic alloy) that vibrates in response to the magnetic fluctuations, creating sound waves. 4. **Housing:** A heat-resistant plastic (usually LCP or PPS) designed to withstand the high temperatures of reflow soldering. ### Circuit Integration Unlike an "Indicator" (which has internal circuitry and just needs DC power), a **Transducer** like the LCS-12B-R requires an external oscillating signal (PWM) to function. * **Driving Circuit:** Typically driven by a transistor (NPN) or a MOSFET controlled by a Microcontroller (MCU). * **Protection:** It is recommended to place a **flyback diode** in parallel with the buzzer to protect the driving transistor from inductive voltage spikes when the coil is switched off. --- ### Common Applications * **Household Appliances:** Microwave beeps, washing machine end-of-cycle alerts. * **Industrial:** Alarm systems and control panel feedback. * **Computer Peripherals:** Motherboard BIOS "Post" codes or printer errors. * **Medical Devices:** Monitoring equipment alerts.
    ✨ Follow-up Questions
    • ⤷ What is the recommended driving circuit for an LCS-12B-R?
    • ⤷ How does a magnetic transducer differ from a piezo buzzer?
    • ⤷ What are the soldering temperature limits for this SMD component?