Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LCS-12B-R/

  • AI
    The **LCS-12B-R** is a high-performance **Fiber Optic Media Converter** (often categorized under industrial networking components). It is designed to bridge the gap between copper-based Ethernet networks and fiber optic infrastructure. --- ## 1. Core Technical Specifications The device functions as a physical layer converter. Below are the primary electronic and operational specifications: | Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.3 (10Base-T), IEEE 802.3u (100Base-TX/FX) | | **Data Rate** | 10/100 Mbps (Auto-negotiation) | | **Fiber Connector** | SC Type (Multi-mode) | | **Copper Connector** | RJ-45 | | **Max Distance** | 2km (Multi-mode fiber) | | **Wavelength** | 1310nm | | **Power Input** | 5V DC, 2A (via external adapter) | --- ## 2. Key Electronic Components The internal circuitry of the LCS-12B-R consists of several critical stages that manage signal integrity and conversion: ### A. The PHY (Physical Layer) Transceiver The "brain" of the unit is a dedicated IC (Integrated Circuit) that handles the **DSP (Digital Signal Processing)**. It converts the electrical pulses from the RJ-45 copper port into digital data and then modulates that data for the optical assembly. ### B. Optical Transceiver Module (TOSA/ROSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a LED or Laser Diode that converts electrical signals into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a Photodiode that senses incoming light pulses and converts them back into electrical current. ### C. Power Management Circuitry Since the device typically runs on a 5V DC input, it contains internal **Voltage Regulators** and **Filtering Capacitors**. These components ensure that the sensitive optical lasers receive a "clean" and stable voltage, preventing data jitter or hardware failure due to power spikes. ### D. Logic and Indicators (LEDs) The PCB includes a logic controller for the status LEDs, which provide real-time diagnostics: * **PWR:** Power status. * **TP LINK/ACT:** Ethernet connection activity. * **FX LINK/ACT:** Fiber connection activity. * **FDX/COL:** Full Duplex or Collision detection. --- ## 3. Connectivity Interface ```mermaid graph LR A[RJ-45 Copper] <--> B[PHY Chip/Signal Processor] B <--> C[Optical Transceiver] C <--> D[SC Fiber Connector] ``` --- ## 4. Usage Considerations * **Half/Full Duplex:** The device usually features a DIP switch to manually force duplex modes or enable **LFP (Link Fault Pass-through)**, which alerts the network if one side of the fiber link goes down. * **Media Type:** Ensure you are using **62.5/125µm or 50/125µm multi-mode fiber** cables. It is not compatible with single-mode fiber.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LCS-12B-R and a single-mode fiber converter?
    • ⤷ How do I troubleshoot the 'FX Link' LED if it is not lighting up?
    • ⤷ Does this model support Link Fault Pass-through (LFP) functionality?