Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LCS-2A-R/Q

  • AI
    The **LCS-2A-R/Q** typically refers to a high-performance **Load Cell Signal Conditioner** or **Digitizer Module**. These units are designed to interface between strain-gauge load cells (analog sensors) and industrial control systems (PLC/PC). Below is a breakdown of the electronic components and technical specifications characteristic of this series. --- ## 1. Core Electronic Components The device acts as a bridge between the physical force measurement and the digital data processing. | Component | Function | | :--- | :--- | | **PGA (Programmable Gain Amplifier)** | Amplifies the micro-volt ($\mu V$) signals from the load cell to a level suitable for conversion. | | **ADC (Analog-to-Digital Converter)** | High-resolution (usually 24-bit) Sigma-Delta converter that turns analog voltage into digital counts. | | **Excitation Circuit** | Provides a stable, regulated DC voltage (typically 5V or 10V) to power the load cell bridge. | | **Isolation Barrier** | Optical or magnetic isolation to protect the circuit from industrial electrical noise and surges. | | **Microcontroller (MCU)** | Handles calibration data, digital filtering (moving average/FIR), and communication protocols. | | **Communication Interface** | Hardware for RS-232, RS-485 (Modbus RTU), or specialized bus outputs. | --- ## 2. Technical Specifications (General R/Q Series) | Feature | Specification | | :--- | :--- | | **Input Sensitivity** | 0.2 $\mu V$/digit to 0.5 $\mu V$/digit | | **Load Cell Excitation** | DC 5V, capable of driving up to 4x 350$\Omega$ load cells | | **Sampling Rate** | 10Hz to 800Hz (Adjustable depending on the model) | | **Non-Linearity** | $\leq$ 0.01% of Full Scale | | **Operating Voltage** | Typically 12V - 24V DC | --- ## 3. Difference Between R and Q Variants While specific manufacturer prefixes can vary, the suffixes **-R** and **-Q** usually denote the communication or mounting interface: ### **LCS-2A-R (Relay/Serial)** * **Focus:** Often includes built-in **Relay outputs** for setpoint control (e.g., stopping a motor when a weight limit is reached). * **Communication:** Standard **RS-232/RS-485** serial communication. ### **LCS-2A-Q (Quick/Analog)** * **Focus:** Often emphasizes high-speed **Analog Output** (4-20mA or 0-10V) or high-speed data transmission for dynamic weighing. * **Connector:** May feature quick-connect terminals or specific industrial circular connectors. --- ## 4. Typical Wiring Pinout `Caution: Always refer to the specific wiring diagram on the device label before applying power.` ```text Pin # | Function | Description --------------------------------------- 1 | EXC + | Positive Excitation (Power to Load Cell) 2 | EXC - | Negative Excitation (Ground to Load Cell) 3 | SIG + | Positive Signal (Input from Load Cell) 4 | SIG - | Negative Signal (Input from Load Cell) 5 | SHIELD | Earth/Drain wire for noise reduction 6 | VCC | Module Power Supply (12-24V) 7 | GND | Module Power Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on an LCS-2A module?
    • ⤷ What is the maximum distance a load cell can be from this conditioner?
    • ⤷ Does the LCS-2A support Modbus TCP or only RTU?