Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LCS-43-R/

  • AI
    The **LCS-43-R** is an electronic component primarily classified as a **Limit Switch** or **Micro Switch**, often used in industrial control systems and consumer electronics for position sensing or safety interlocking. --- ### 1. Technical Specifications The LCS series (often manufactured by companies like Burgess or Saia-Burgess) is known for its compact size and high reliability. | Feature | Description | | :--- | :--- | | **Switch Type** | Miniature Snap Action / Limit Switch | | **Actuator Type** | Roller Lever (indicated by the 'R') | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Terminal Type** | Solder or Quick Connect (depending on sub-variant) | | **Current Rating** | Typically 5A to 10A at 250VAC | | **Operating Force** | Medium (approx. 1.0N to 2.5N) | --- ### 2. Key Electronic Components A switch like the LCS-43-R consists of several internal electronic and mechanical parts: * **Contacts (Silver Alloy):** The internal points that make or break the electrical circuit. Silver is used for its high conductivity and resistance to oxidation. * **Snap-Action Spring:** A beryllium copper or stainless steel spring that ensures a rapid transition between contacts, preventing "arcing" (electrical sparking). * **Actuator (Roller Lever):** The physical interface. The roller reduces friction and wear when the switch is triggered by a cam or moving part. * **Insulating Housing:** Usually made of a high-temperature thermoplastic (like PBT or Phenolic) to prevent short circuits and withstand heat. --- ### 3. Circuit Logic (SPDT) The LCS-43-R operates on a 3-pin configuration, allowing it to be used in two different ways: 1. **Normally Open (NO):** The circuit is completed only when the lever is pressed. 2. **Normally Closed (NC):** The circuit is broken when the lever is pressed. 3. **Changeover:** Switching between two different loads or signals. ```mermaid graph LR COM[Common Pin] --- NO[Normally Open] COM --- NC[Normally Closed] ``` --- ### 4. Common Applications * **Industrial Automation:** Detecting the end-of-travel for a conveyor belt or robotic arm. * **Safety Interlocks:** Ensuring a machine door is closed before the power can be turned on. * **Consumer Goods:** Detecting the position of a microwave door or a printer carriage.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the LCS-43-R?
    • ⤷ How does a roller lever differ from a plunger actuator in limit switches?
    • ⤷ Can this switch be used for DC current applications?