Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LCS-5055-R

  • AI
    The **LCS-5055-R** is an industrial-grade **Serial-to-Ethernet Device Server** (often referred to as an RS-232 to Ethernet Converter). Its primary electronic function is to bridge the gap between legacy serial communication and modern network infrastructure. --- ### Core Electronic Components and Specifications | Component Category | Specification / Detail | | :--- | :--- | | **Processor/Chipset** | Integrated CPU designed for TCP/IP stack processing and serial data buffering. | | **Serial Interface** | 1 x DB9 Male port supporting **RS-232** standards. | | **Ethernet Port** | 10/100 Mbps Auto-sensing RJ45 port. | | **Power Input** | Typically supports 9V - 30V DC (Industrial wide-range input). | | **Signals Supported** | TXD, RXD, RTS, CTS, DTR, DSR, DCD, GND. | | **Protection** | 15KV ESD Protection for serial signals. | --- ### Technical Architecture #### 1. The Serial Controller (RS-232) The internal circuitry includes a **UART (Universal Asynchronous Receiver-Transmitter)** and a level shifter. Since standard microchips operate at 3.3V or 5V, the level shifter converts these to the +/- 12V signals required by the RS-232 standard. #### 2. Network Processor This part of the board handles the **encapsulation**. It takes the raw serial data bytes and wraps them into TCP or UDP packets. It supports various modes: * **Virtual COM Mode:** Makes the remote device appear as a local COM port on a PC. * **TCP Server/Client:** Establishes a direct socket connection. * **UDP Mode:** For low-latency, broadcast-style data transmission. #### 3. Power Management and Isolation To ensure reliability in industrial environments, the LCS-5055-R features: * **Voltage Regulation:** Steps down the input DC voltage to the internal logic levels. * **Surge Protection:** Electronic components (TVS diodes) that protect the internal logic from static electricity (ESD) or voltage spikes on the serial line. --- ### Physical Interface Pinout (DB9 Male) | Pin | Signal | Description | | :--- | :--- | :--- | | 2 | RXD | Receive Data | | 3 | TXD | Transmit Data | | 5 | GND | Ground | | 7 | RTS | Request to Send | | 8 | CTS | Clear to Send | --- ### LED Diagnostic Indicators The device uses small LED components to communicate the electronic status: * **Power:** Indicates internal DC power is stable. * **Link/ACT:** Shows Ethernet connectivity and data traffic. * **Serial RX/TX:** Flashes when data is physically moving through the DB9 port.
    ✨ Follow-up Questions
    • ⤷How do I configure the IP address for the LCS-5055-R?
    • ⤷ What is the maximum baud rate supported by this device?
    • ⤷ Does it support RS-485 or only RS-232?