Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LCS-76-R

  • AI
    The **LCS-76-R** is an optical sensor module primarily used for liquid level detection or proximity sensing. It belongs to a category of infrared-based photoelectric switches. --- ### 1. Technical Specifications The following table outlines the core electronic characteristics of the device: | Parameter | Value | | :--- | :--- | | **Operating Voltage** | 5V DC to 24V DC (Model dependent) | | **Sensing Distance** | 10mm to 150mm (Adjustable) | | **Output Type** | NPN / PNP (Open Collector) | | **Response Time** | < 1ms | | **Current Consumption** | < 30mA | | **Indicator** | Red LED (Logic status) | --- ### 2. Core Electronic Components The internal circuitry of the LCS-76-R consists of several key electronic sections: * **Infrared Emitter:** A high-output IR LED that pulses light to detect objects or liquid surfaces. * **Photodetector:** A phototransistor or photodiode tuned to the specific wavelength of the emitter to minimize interference from ambient light. * **Comparator Circuit:** Usually based on an Op-Amp (Operational Amplifier), this compares the received light intensity against a preset threshold. * **Potentiometer:** A small onboard trimmer resistor used to calibrate sensitivity. * **Output Driver:** A transistor (NPN or PNP) that acts as a switch to signal a controller (like a PLC or Arduino). --- ### 3. Wiring and Pinout Standard units typically follow a three-wire color-coded system: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC | Positive Power Supply (e.g., +12V/24V) | | **Blue** | GND | Common Ground / 0V | | **Black** | OUT | Signal Output (Connects to Load/Input) | --- ### 4. Operating Principle 1. **Emission:** The IR LED sends out a beam of light. 2. **Reflection/Refraction:** When a liquid or object approaches, the light is reflected back to the receiver. 3. **Threshold Check:** If the light intensity exceeds the set threshold (adjusted by the potentiometer), the comparator triggers. 4. **Signal Output:** The output transistor closes the circuit, changing the state of the Black wire (Output).
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output modes for this sensor?
    • ⤷ How do you adjust the sensitivity using the onboard potentiometer?
    • ⤷ Can the LCS-76-R be used with an Arduino or Raspberry Pi?