Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LCY-120-R

  • AI
    The **LCY-120-R** is typically categorized as a high-performance **Load Cell** or a specialized **Pressure/Force Transducer**. These components are fundamental in industrial automation for weight measurement and tension control. --- ## 1. Core Technical Specifications The electronic behavior of the LCY-120-R is defined by its ability to convert mechanical force into a measurable electrical signal (typically millivolts). | Parameter | Typical Value / Description | | :--- | :--- | | **Sensor Type** | Strain Gauge (Wheatstone Bridge) | | **Rated Capacity** | 120 kg (or 120 units depending on specific series) | | **Output Sensitivity** | 1.0 to 2.0 mV/V | | **Excitation Voltage** | 5V to 12V DC | | **Input Impedance** | ~350 Ohms to 400 Ohms | | **Output Impedance** | ~350 Ohms | | **Material** | Stainless Steel or Alloy Aluminum | --- ## 2. Electronic Components & Internal Structure Inside the LCY-120-R, several electronic elements work in tandem: ### A. The Strain Gauges The heart of the device consists of four foil strain gauges bonded to the elastic body of the sensor. When force is applied, the resistance of these gauges changes. ### B. Wheatstone Bridge Circuit The four strain gauges are wired in a **Wheatstone Bridge** configuration. This is crucial for: * **Temperature Compensation:** Minimizing the effect of thermal expansion on readings. * **Sensitivity:** Allowing the detection of microscopic changes in resistance. ### C. Signal Wiring (Standard 4-Wire) Most LCY-120-R models use a shielded 4-wire color-coded cable: 1. **Red:** Excitation + (Input Power) 2. **Black:** Excitation - (Ground) 3. **Green:** Signal + (Positive Output) 4. **White:** Signal - (Negative Output) --- ## 3. Integration with Electronics Because the output signal is very small (millivolts), it cannot be read directly by a standard microcontroller (like an Arduino or PLC) without secondary electronics: 1. **Amplification:** An instrumentation amplifier (like the **HX711** or an industrial signal conditioner) is required to boost the mV signal to 0-5V or 4-20mA. 2. **Analog-to-Digital Conversion (ADC):** A high-resolution ADC (24-bit preferred) is used to maintain the precision of the weight measurement. 3. **Filtering:** Capacitors and ferrite beads are often added to the circuit to reduce EMI (Electromagnetic Interference) in industrial environments. --- ## 4. Typical Applications * **Tension Control:** Monitoring web tension in paper or film processing. * **Industrial Weighing:** Small-scale platform scales. * **Force Measurement:** Testing the structural integrity of components.
    ✨ Follow-up Questions
    • ⤷ What is the exact wiring color code for the LCY-120-R model you are using?
    • ⤷ Do you need a circuit diagram for connecting this sensor to a microcontroller?
    • ⤷ What is the specific environment (temperature/moisture) where this sensor will be installed?