Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LD1085D2M-R

  • AI
    The **LD1085D2M-R** is a high-performance, low-dropout (LDO) linear voltage regulator. It is designed to provide a stable output voltage even when the input voltage is only slightly higher than the desired output. --- ## 1. Technical Specifications The following table summarizes the key electrical characteristics of the LD1085D2M-R: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | STMicroelectronics | | **Package / Case** | D2PAK (TO-263) | | **Output Type** | Adjustable | | **Output Voltage Range** | 1.25V to 30V | | **Maximum Output Current** | 3.0 Amperes | | **Dropout Voltage** | 1.3V (typical at 3A) | | **Input Voltage (Max)** | 30V | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Internal Components & Features The "Electronic Parts" within the silicon and the package design include: ### A. Internal Architecture * **Series Pass Element:** Utilizes an NPN transistor. Unlike standard regulators, this allows for a lower dropout voltage because the drive current is pulled from the collector. * **Voltage Reference:** A precise internal bandgap reference (typically 1.25V) used for comparison against the output feedback. * **Error Amplifier:** Compares the feedback voltage from the output pins with the internal reference to adjust the pass transistor. ### B. Protection Circuitry * **Thermal Overload Protection:** Automatically shuts down the device if the junction temperature exceeds safe limits (approx. 150°C). * **Current Limiting:** Protects the regulator and the power source during short-circuit conditions or excessive loads. --- ## 3. Pin Configuration The D2PAK package typically features three functional pins: 1. **ADJ (Adjust):** Connects to an external resistor divider to set the output voltage. 2. **Vout (Output):** The regulated DC output. (Connected also to the large metal tab for heat sinking). 3. **Vin (Input):** The unregulated DC input voltage. --- ## 4. Typical Application Circuit To ensure stability and low noise, specific external components are required: ```mermaid graph LR Vin --> Cin[Input Cap: 10uF] Cin --> Regulator[LD1085] Regulator --> Cout[Output Cap: 10uF Tantalum] Regulator --> R1[Resistor 1] R1 --> R2[Resistor 2] R2 --> ADJ_Pin ``` * **Input Capacitor:** A 10µF capacitor is recommended to filter high-frequency noise and compensate for lead inductance. * **Output Capacitor:** A minimum of 10µF (usually Tantalum) is required for stability. The ESR (Equivalent Series Resistance) of this capacitor is critical for the feedback loop's stability.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor values for a specific output voltage?
    • ⤷ What are the primary differences between the LD1085 and the LM317?
    • ⤷ How does the D2PAK package affect thermal management for this part?