Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LD1085D2M15-R

  • AI
    ## LD1085D2M15-R: Component Overview The **LD1085D2M15-R** is a low-dropout (LDO) positive voltage regulator manufactured by **STMicroelectronics**. It is designed to provide a stable 1.5V output from a higher input voltage while maintaining high efficiency through a low dropout voltage. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Output Voltage** | 1.5 V (Fixed) | | **Maximum Output Current** | 3.0 A | | **Dropout Voltage (Max)** | 1.3 V @ 3A | | **Input Voltage (Max)** | 30 V | | **Operating Temperature** | -40°C to 125°C | | **Package Type** | D2PAK (TO-263) | | **Voltage Tolerance** | ±1% at 25°C; ±2% over full range | --- ### 2. Functional Characteristics * **Low Dropout Performance:** Unlike standard linear regulators that require 2V-3V of "headroom," this device can maintain regulation with a much smaller difference between input and output voltage. * **High Current Capacity:** It is capable of delivering up to **3 Amps**, making it suitable for high-power digital circuits and microprocessors. * **Internal Protection:** * **Current Limiting:** Protects the device during short-circuit conditions. * **Thermal Shutdown:** Turns the device off if the internal junction temperature exceeds safe limits. * **Pin Configuration (D2PAK):** 1. **Ground:** Reference point. 2. **Vout (Tab):** Regulated 1.5V output. 3. **Vin:** Unregulated input voltage. --- ### 3. Application Circuit Example To ensure stability, LDOs require external capacitors. For the LD1085 series, a **10µF tantalum capacitor** is typically required on the output to ensure the control loop remains stable. ```c // Typical Connection Schematic Representation [Input Voltage] ----> [Vin (Pin 3)] ----+---- [Vout (Pin 2)] ----> [1.5V Output] | | | [C_in: 10uF] [LD1085D2M15] [C_out: 10uF] | | | [Ground] -----------------+---------- [GND (Pin 1)] ----+---------- [Ground] ``` --- ### 4. Common Use Cases * **Post-Regulation:** Following a switching power supply to remove high-frequency noise. * **Logic Circuits:** Powering FPGA, DSP, or low-voltage microcontrollers requiring 1.5V rails. * **Battery Powered Systems:** Efficiency is gained due to the low quiescent current and low dropout voltage.
    ✨ Follow-up Questions
    • ⤷ What is the minimum input voltage required to maintain a stable 1.5V output at full load?
    • ⤷ How does the D2PAK package handle heat dissipation compared to the TO-220 version?
    • ⤷ Are there adjustable versions of the LD1085 available for different voltage requirements?