Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LD1085D2M28-R

  • AI
    ### Electronic Analysis of LD1085D2M28-R The **LD1085D2M28-R** is a high-performance, low-dropout (LDO) positive voltage regulator. It is designed to provide a stable, fixed output voltage while handling significant current loads. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for this specific part number: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 2.85 V | | **Maximum Output Current** | 3.0 A | | **Dropout Voltage (Typical)** | 1.3 V @ 3A | | **Input Voltage (Maximum)** | 30 V | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to 125°C | | **Line Regulation** | 0.015% (Typical) | | **Load Regulation** | 0.1% (Typical) | --- ### 2. Functional Description The LD1085 series is an upgrade over standard 3-terminal regulators (like the LM317 or 78xx series) due to its efficiency and current capability. * **Low Dropout Performance:** Unlike standard regulators that require a 2V-3V difference between input and output, this device functions with a much smaller "overhead," reducing heat dissipation and power waste. * **Internal Protection:** It includes internal current limiting and thermal shutdown protection, making it robust against short circuits or overheating. * **Pin Configuration:** 1. **GND:** Ground connection. 2. **Vout:** Regulated 2.85V output (connected to the large metal tab). 3. **Vin:** Unregulated input voltage. --- ### 3. Application Use Cases The **2.85V fixed output** is particularly specific. It is commonly used in: * **SCSI-2 Active Termination:** Providing the necessary voltage levels for older high-speed data buses. * **Battery Powered Logic:** Supplying steady power to 2.8V-rated microcontrollers or sensors. * **Post-Regulation:** Cleaning up noise from switching power supplies for sensitive analog circuits. --- ### 4. Circuit Implementation Requirements To ensure stability and performance, the following external components are typically required: ```c // Typical Connection Diagram [Input Voltage] ----> [Vin (Pin 3)] ----+---- [Vout (Pin 2)] ----> [2.85V Load] | | | [10uF Capacitor] | [10uF Tantalum Cap] | | | [Ground] ----------------+--------------+-----------+ ``` * **Input Capacitor:** A 10µF electrolytic or ceramic capacitor is recommended to bypass line noise. * **Output Capacitor:** A minimum of 10µF (usually Tantalum) is **required** for stability. The ESR (Equivalent Series Resistance) of this capacitor is critical to prevent oscillation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the D2PAK version of this regulator?
    • ⤷ Can I use a ceramic capacitor instead of a tantalum capacitor for the output?
    • ⤷ How does the dropout voltage change if the load current is only 1A instead of 3A?