Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LD1085D2T33-R

  • AI
    ## Overview of LD1085D2T33-R The **LD1085D2T33-R** is a low-drop positive voltage regulator capable of providing up to 3A of output current. It is part of the LD1085 series and is specifically designed to provide a fixed 3.3V output. It is widely used in applications requiring high efficiency and stable voltage regulation. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 3.3 V | | **Max Output Current** | 3.0 A | | **Dropout Voltage (Typical)** | 1.3 V @ 3A | | **Input Voltage (Max)** | 30 V | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to 125°C | | **Output Tolerance** | ±1% at 25°C | --- ### Internal Electronic Protection Features The LD1085D2T33-R includes several internal circuits to ensure the safety of both the regulator and the connected load: 1. **Internal Current Limiting:** Limits the output current to a safe level in the event of an overload or short circuit. 2. **Thermal Shutdown:** If the junction temperature exceeds safe limits (typically around 150°C), the device shuts down to prevent permanent damage. 3. **Safe Area Protection:** Monitors the output transistor to ensure it operates within safe power dissipation limits. --- ### Pin Configuration The device is housed in a **D2PAK** (Surface Mount) package with the following pinout: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **GND** | Ground connection. | | 2 (Tab) | **Vout** | Regulated 3.3V output (connected to the thermal tab). | | 3 | **Vin** | Unregulated input voltage. | --- ### Application Considerations * **Capacitor Selection:** To ensure stability, the LD1085 requires an output capacitor. A **10µF tantalum capacitor** (or a low-ESR electrolytic) is typically recommended. * **Heat Dissipation:** Since this is a linear regulator, the power dissipated is calculated as $P = (V_{in} - V_{out}) \times I_{out}$. Because it supports up to 3A, proper PCB copper pouring or an external heatsink is essential to manage heat. * **Dropout Voltage:** Ensure that the input voltage is at least 1.5V higher than the output (i.e., $V_{in} \ge 4.8V$) to maintain regulation under full load. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the D2PAK version of this regulator?
    • ⤷ Can I use ceramic capacitors instead of tantalum for the output stage?
    • ⤷ How does this regulator compare to the standard LM1117-3.3 in terms of current capacity?