Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LD1085D2T36-R

  • AI
    ## Overview of the LD1085D2T36-R The **LD1085D2T36-R** is a high-performance, low-dropout (LDO) positive voltage regulator produced by **STMicroelectronics**. It is specifically designed to provide a stable, fixed output voltage even when the input voltage is only slightly higher than the output voltage. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 3.6V (Fixed) | | **Output Current** | Up to 3.0 A | | **Dropout Voltage** | Typ. 1.3 V @ 3A | | **Input Voltage (Max)** | 30 V | | **Package Type** | D2PAK (TO-263) | | **Operating Temperature** | -40°C to 125°C | | **Output Tolerance** | ±1% at 25°C | --- ### Key Internal Components & Functions The LD1085 series utilizes a specific internal architecture to manage power efficiently: 1. **NPN Pass Transistor:** Unlike older regulators that use PNP transistors, the NPN structure allows for lower output impedance and better stability with various loads. 2. **Internal Current and Thermal Limit:** The chip includes protection circuitry that shuts down the device if it exceeds safe operating temperatures or if a short circuit occurs. 3. **Reference Voltage Source:** An internal bandgap reference ensures that the 3.6V output remains precise despite fluctuations in temperature or input voltage. --- ### Pin Configuration (D2PAK) The device typically features three pins: * **Pin 1 (Adjust/Ground):** Connected to ground for fixed voltage versions like this one. * **Pin 2 (Output):** The regulated 3.6V output (also connected to the large metal tab for heat dissipation). * **Pin 3 (Input):** The unregulated supply voltage. --- ### Application Circuit Example To ensure stability, LDOs require external capacitors. Below is a typical implementation: ```c // Basic Hardware Implementation Input Voltage (Vin) ----> [ Pin 3: IN ] ----+---- [ Pin 2: OUT ] ----> 3.6V Output | | [10uF Cap] [10uF Tantalum Cap] | | Ground ------------------> [ Pin 1: GND ] --+------------------+ ``` ### Advantages for Designers * **High Current Capability:** 3A is significantly higher than standard regulators like the LM1117 (which is usually 800mA - 1A). * **Efficiency:** The low dropout voltage minimizes power wasted as heat. * **Surface Mount Design:** The D2PAK package is ideal for automated PCB assembly and provides good thermal management through the PCB copper. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended capacitor types for ensuring stability in the LD1085 series?
    • ⤷ How does the D2PAK package handle heat dissipation compared to TO-220?
    • ⤷ Can the LD1085D2T36-R handle an input voltage of 12V safely at max current?