LD29080PT-R
AI

## Overview of the LD29080PT-R
The **LD29080PT-R** is a high-performance, low-dropout (LDO) linear voltage regulator. It is designed to provide a stable output voltage while maintaining a very low difference between the input and output voltages (dropout voltage), making it ideal for battery-powered and high-efficiency electronic applications.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Output Current** | Up to 800 mA |
| **Dropout Voltage** | Typically 400 mV at 800 mA |
| **Input Voltage Range** | Up to 13 V |
| **Output Voltage Type** | Fixed or Adjustable (Part number suffix dependent) |
| **Operating Temperature** | -40°C to 125°C |
| **Package Type** | PPAK (PowerSO-10 or DPAK depending on variant) |
| **Protection Features** | Internal Current and Thermal Limit |
---
### 2. Core Electronic Characteristics
#### A. Low Dropout Voltage
The standout feature is its ability to regulate voltage even when the input voltage is only slightly higher than the desired output. This minimizes power dissipation ($P = I \times V_{dropout}$) and reduces heat.
#### B. Quiescent Current
It features low quiescent current ($I_q$), which is the current consumed by the device itself to operate. This is critical for standby modes in consumer electronics to preserve battery life.
#### C. Stability Requirements
To ensure the internal feedback loop remains stable, the LD29080 typically requires an output capacitor.
* **Capacitor Type:** Usually requires a tantalum or electrolytic capacitor.
* **ESR (Equivalent Series Resistance):** The device is sensitive to the ESR of the output capacitor; specific ranges must be met to prevent oscillation.
---
### 3. Pin Configuration (Typical PPAK/DPAK)
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Unregulated Input Voltage |
| 2 | **GND** | Ground (Connected to the heat sink tab) |
| 3 | **VOUT** | Regulated Output Voltage |
| 4 | **ADJ/NC** | Adjust pin (for variable versions) or No Connection |
---
### 4. Common Applications
1. **Post-Regulation for Switching Supplies:** Used to clean up the noise/ripple generated by DC-DC buck converters.
2. **Battery Powered Equipment:** Maximizes usage time by operating down to very low battery voltages.
3. **Microprocessor Power:** Provides clean, stable 1.8V, 2.5V, or 3.3V rails for sensitive digital logic.
4. **Telecommunications:** Used in low-noise signal processing circuits.
---
### 5. Implementation Example
Below is a simple representation of how to wire a fixed-output LD29080PT-R:
```text
[Input Voltage] ----+----[ VIN ] [ VOUT ]----+---- [ Regulated Output ]
| |
[Cin] [Cout]
| |
[ Ground ] ---------+----[ GND ]----------------+---- [ Ground ]
```
* **Cin:** Typically 0.1µF to 1µF ceramic for high-frequency filtering.
* **Cout:** Typically 10µF (ensure ESR matches datasheet specifications).
- ⤷
What is the specific ESR range required for the output capacitor to ensure stability?
- ⤷ How does the LD29080PT-R compare to the LD1117 in terms of dropout voltage?
- ⤷ Is there a version of this IC with an Enable/Inhibit pin for power sequencing?