LD29080S80-R
AI

The **LD29080S80-R** is a high-current, high-precision, low-dropout (LDO) linear voltage regulator. It is designed to provide a stable output voltage with minimal power dissipation, even when the input voltage is very close to the output voltage.
---
### ## Technical Specifications
Below are the primary electrical characteristics for the LD29080S80-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 8.0V |
| **Output Current** | 800 mA |
| **Dropout Voltage (Typical)** | 400 mV @ 800 mA |
| **Input Voltage Range** | Up to 13V |
| **Package Type** | SOT-223 |
| **Tolerance** | ±1% at 25°C |
| **Operating Temperature** | -40°C to +125°C |
---
### ## Key Features
* **Low Dropout Performance:** The device uses a PNP pass transistor, which allows for a very low dropout voltage, extending the battery life in portable applications.
* **Internal Protection:** It includes internal current limiting and thermal shutdown protection, preventing the chip from failing under short-circuit or overheating conditions.
* **Stability:** It is designed to be stable even with low ESR (Equivalent Series Resistance) capacitors, typically requiring a 10µF output capacitor for stability.
* **Very Low Quiescent Current:** It draws minimal current when the load is light, which is critical for power-sensitive electronics.
---
### ## Pinout Configuration
The LD29080 in the SOT-223 package typically follows this configuration:
1. **VIN:** Input Voltage Supply.
2. **GND:** Ground (Connected to the heat sink tab).
3. **VOUT:** Regulated Output Voltage.
---
### ## Typical Application Circuit
To use the LD29080S80-R, minimal external components are required. A basic implementation involves placing capacitors on the input and output lines to ensure stability and noise filtration.
```c
// Schematic Representation
[Input Voltage (Vin)] ---[ Cin: 10uF ]--- (Pin 1: VIN)
(Pin 2: GND) --- [ Ground ]
[Output Voltage (Vout)] ---[ Cout: 10uF ]--- (Pin 3: VOUT)
```
### ## Common Use Cases
* **Post-regulation for Switching Supplies:** To remove high-frequency noise from DC-DC converters.
* **Battery Powered Systems:** Where the difference between battery voltage and required system voltage is small.
* **Microprocessor Supplies:** Providing clean, stable power to logic circuits.
- ⤷What is the maximum power dissipation for the SOT-223 package?
- ⤷ How does this regulator compare to the LM7808?
- ⤷ What type of capacitors are recommended for the output to ensure stability?