AI

The **LD2985L-C0-AF5-R** is a low-dropout (LDO) linear voltage regulator. It is designed for high-performance applications where low noise, low power consumption, and high precision are required. This specific part is often manufactured by UTC (Unisonic Technologies Co Ltd).
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Output Type** | Fixed Output |
| **Output Voltage** | Typically specific to the code (e.g., 3.0V, 3.3V, 5.0V depending on "C0" variant) |
| **Max Output Current** | 150 mA |
| **Dropout Voltage** | Low (approx. 160mV at 150mA load) |
| **Input Voltage Range** | Up to 16V |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Feature** | Low Noise, Shutdown logic control |
---
### 2. Breakdown of the Part Number
Understanding the suffix codes helps in identifying the exact physical and electrical characteristics:
* **LD2985L**: The base series (Low-dropout regulator, 150mA). The "L" usually denotes Lead-free/Halogen-free.
* **C0**: Represents the specific fixed **Output Voltage**. (e.g., C0 is often a factory code for a specific voltage like 1.2V, 3.0V, or 5.0V; check the specific datasheet for the "C0" mapping).
* **AF5**: Refers to the **Package Type**. In this case, it indicates a **SOT-25** (also known as SOT-23-5) package.
* **R**: Indicates **Tape and Reel** packaging for automated assembly.
---
### 3. Pin Configuration (SOT-25)
The device typically follows a standard 5-pin layout:
1. **VIN**: Input supply voltage.
2. **GND**: Ground.
3. **ON/OFF**: Control pin (Logic high enables the device; Logic low puts it in standby).
4. **BYPASS**: Connecting a small capacitor here significantly reduces output noise.
5. **VOUT**: Regulated output voltage.
---
### 4. Application Use Cases
Due to its low noise profile and small footprint, this part is commonly found in:
* **Mobile Phones**: Powering RF stages or baseband processors.
* **Portable Electronics**: Battery-powered devices requiring stable voltages.
* **Precision Analog Circuits**: Where high Ripple Rejection (PSRR) is necessary to prevent power supply noise from affecting signal integrity.
---
- ⤷
What is the exact output voltage for the 'C0' variant in the UTC datasheet?
- ⤷ What is the recommended value for the Bypass capacitor to achieve minimum noise?
- ⤷ How does the LD2985 compare to the standard 7805 regulator in terms of efficiency?