LDK120M-R
AI

The **LDK120M-R** is a high-performance, low-dropout (LDO) linear voltage regulator manufactured by STMicroelectronics. It is designed to provide a stable output voltage with very low power consumption and high precision.
---
### ## Technical Specifications Overview
The following table highlights the primary electrical characteristics of the LDK120M-R:
| Parameter | Value |
| :--- | :--- |
| **Input Voltage Range** | 1.9V to 5.5V |
| **Output Voltage Type** | Fixed (Determined by the specific suffix) |
| **Maximum Output Current** | 200 mA |
| **Dropout Voltage** | Typ. 150 mV @ 200 mA |
| **Quiescent Current (Iq)** | Typ. 35 µA (at full load) |
| **Shutdown Current** | < 1 µA |
| **PSRR (Rejection Ratio)** | 55 dB @ 1 kHz |
| **Operating Temperature** | -40°C to +125°C |
| **Package** | SOT-23-5L |
---
### ## Key Features and Protection
The LDK120 series is engineered for efficiency in battery-powered devices.
1. **Low Dropout:** The extremely low dropout voltage allows the regulator to maintain its output voltage even when the input battery voltage drops very close to the target output.
2. **Enable Function:** Pin 3 (EN) allows the chip to be put into a logic-controlled shutdown mode, reducing power consumption to near zero.
3. **Internal Protection:**
* **Thermal Shutdown:** Protects the device from overheating by shutting down if the junction temperature exceeds limits.
* **Current Limit:** Protects the regulator and the source during a short-circuit condition on the output.
4. **Stability:** It is designed to be stable even with low-ESR ceramic capacitors (recommended 1 µF on both input and output).
---
### ## Pin Configuration (SOT-23-5L)
The device uses a standard 5-pin layout commonly found in modern SMD electronics:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **IN** | Input Voltage |
| 2 | **GND** | Ground |
| 3 | **EN** | Enable Pin (Active High) |
| 4 | **NC/ADJ** | Not Connected (Fixed version) or Adjust (ADJ version) |
| 5 | **OUT** | Output Voltage |
---
### ## Typical Application Circuit
To use the LDK120M-R effectively, minimal external components are required.
```markdown
V_IN ----+-----------+
| |
[C_in] [LDK120]
1.0uF 1: IN
| 2: GND --- GND
| 3: EN --- Logic Control
| 4: NC
| 5: OUT ---+--- V_OUT
| |
GND [C_out]
1.0uF
|
GND
```
---
- ⤷
What are the specific output voltage variants available for the LDK120 series?
- ⤷ How does the LDK120 compare to the LD39020 in terms of noise performance?
- ⤷ What is the recommended layout practice to minimize thermal resistance for this SOT-23 package?