Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LDR2518K7-R

  • AI
    ## Overview of LDR2518K7-R The **LDR2518K7-R** is a specific electronic component belonging to the family of **Surface Mount (SMD) Power Inductors**. It is designed for use in power management circuits where compact size and high efficiency are required. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | SMD Wire-wound Power Inductor | | **Case Size** | 2518 (Metric) / 1007 (EIA) | | **Dimensions** | 2.5mm x 1.8mm x 1.8mm | | **Inductance** | Typically defined by the "K7" code (refer to manufacturer datasheet) | | **Tolerance** | Usually ±10% or ±20% | | **Packaging** | Tape & Reel (-R) | --- ### 2. Construction and Materials The LDR2518 series is engineered for durability and performance in small footprints: * **Core Material:** Usually a Ferrite core which provides high magnetic permeability and low eddy current losses. * **Winding:** Copper wire wound around the ferrite core, optimized to handle specific DC currents. * **Coating:** Often features a resin or magnetic shield coating to reduce Electromagnetic Interference (EMI) and provide structural integrity. --- ### 3. Functional Features * **Miniaturization:** The 2518 footprint is ideal for high-density PCB layouts in portable electronics. * **High Current Capability:** Despite its size, the wire-wound structure allows it to handle higher saturation currents compared to multilayer inductors. * **Low DC Resistance (DCR):** Minimizes power loss and heat generation during operation, improving overall device efficiency. --- ### 4. Common Applications This component is typically found in the following circuits: 1. **DC-DC Converters:** Used as energy storage elements in buck, boost, or buck-boost converters. 2. **Power Management Integrated Circuits (PMICs):** Filtering power lines in smartphones, tablets, and wearable devices. 3. **Noise Suppression:** Acting as a low-pass filter to block high-frequency noise in power supply rails. 4. **LED Drivers:** Managing current flow for backlight or indicator LEDs. --- ### 5. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **LDR** | Series designation (Low-profile/Standard Inductor) | | **2518** | Physical dimensions (2.5mm x 1.8mm) | | **K7** | Inductance value/Tolerance code (Specific to manufacturer table) | | **-R** | Packaging suffix (Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the LDR2518K7-R?
    • ⤷ How does a wire-wound inductor differ from a multilayer inductor in power applications?
    • ⤷ What are the recommended soldering profiles for 2518 SMD components?