Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LDR3318K7-R

  • AI
    ### Technical Overview of the LDR3318K7-R The **LDR3318K7-R** is a specific electronic component belonging to the family of **Voltage Regulators**. It is designed to provide a stable, fixed output voltage from a variable input source, commonly used in power management for integrated circuits. --- ### Key Specifications The following table summarizes the primary electrical characteristics of the LDR3318K7-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Low Dropout (LDO) Voltage Regulator | | **Output Voltage** | 1.8V / 3.3V (Dual or Specific Fixed variants) | | **Max Output Current** | Typically 500mA to 800mA | | **Package Type** | SOT-223 or similar Surface Mount (SMD) | | **Dropout Voltage** | Low (allows operation when $V_{in}$ is close to $V_{out}$) | | **Tolerance** | $\pm 1\%$ to $\pm 2\%$ | --- ### Functional Pins Typically, this component features a simple 3-terminal or 5-terminal configuration depending on the specific package variant: 1. **VIN (Input):** Accepts the unregulated supply voltage. 2. **GND (Ground):** The reference point for the circuit. 3. **VOUT (Output):** Provides the regulated 1.8V or 3.3V supply to the load. 4. **EN (Enable - if applicable):** A logic pin to turn the regulator on or off to save power. --- ### Internal Electronic Principles The LDR3318K7-R operates based on a **Feedback Control Loop**. The internal circuitry includes: * **Error Amplifier:** Compares the output voltage against an internal reference. * **Pass Transistor:** Usually a P-channel MOSFET or PNP transistor that throttles current to maintain the target voltage. * **Thermal Shutdown:** Protects the part from overheating by cutting off current if the junction temperature exceeds safety limits. * **Current Limiting:** Prevents damage to the regulator in the event of a short circuit at the output. --- ### Typical Application Circuit When integrating this part into a PCB design, external capacitors are required for stability and noise reduction. ```c // Basic Schematic Representation [Input V] ----[ VIN ]-------[ VOUT ]---- [Output 1.8V/3.3V] | | [C_in 10uF] [C_out 10uF] | | [GND] ----------[ GND ]-------[ GND ] ``` --- ### Use Cases * **Microcontroller Power:** Providing a clean 3.3V rail for ARM Cortex or ESP32 chips. * **Digital Signal Processing:** Powering 1.8V core logic in FPGAs. * **Battery Powered Devices:** Efficiently converting Li-ion battery voltage down to logic levels.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the LDR3318K7-R?
    • ⤷ What are the recommended capacitor values for optimal stability?
    • ⤷ How does the dropout voltage affect battery life in this regulator?