Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LDS0705-R82M-R

  • AI
    The **LDS0705-R82M-R** is a specific electronic component, categorized as a **Surface Mount Device (SMD) Power Inductor**. It is typically manufactured by companies like Coilmaster or similar specialized magnetic component producers. Below is a detailed breakdown of its specifications and characteristics based on its nomenclature and part series. --- ### 1. Specification Overview The part number follows a standardized naming convention common in power magnetics: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Power Inductor (Unshielded/Semi-Shielded) | | **Inductance** | 0.82 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Package Size** | 7.8mm x 7.0mm (approximate) | | **Height** | 5.0mm | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Breakdown of the Part Number Understanding the alphanumeric code helps identify the physical and electrical limits of the part: 1. **LDS**: The series prefix, often indicating a Drum Core or Power Inductor design. 2. **0705**: The physical dimensions. In this case, it roughly corresponds to a footprint of **7.x mm** and a height of **5.x mm**. 3. **R82**: The Inductance value. The "R" acts as a decimal point. Therefore, `R82` = **0.82 Microhenries (µH)**. 4. **M**: The tolerance code. `M` represents **±20%**. 5. **R**: Usually denotes **RoHS Compliant** or Tape & Reel packaging. --- ### 3. Electrical Characteristics While exact values can vary slightly by manufacturer, the **0705-R82M** series generally features: * **High Current Handling:** Due to the low inductance (0.82µH), this part is designed to handle high saturation currents ($I_{sat}$), often ranging between **5A to 8A**. * **Low DCR (DC Resistance):** Because there are fewer windings required for 0.82µH, the internal resistance is very low, which minimizes power loss and heat generation. * **Operating Temperature:** Typically rated for **-40°C to +125°C**. --- ### 4. Typical Applications This component is most commonly used in power management circuits where high efficiency and high frequency are required: * **DC-DC Converters:** Used as the storage element in Buck or Boost converters. * **Voltage Regulator Modules (VRM):** Common in laptops, servers, and desktop motherboards. * **Power Supplies:** Found in LED lighting drivers and telecommunications equipment. * **Noise Filtering:** Used in EMI/RFI suppression for power lines. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the LDS0705 series?
    • ⤷ How does the 'Saturation Current' affect the performance of this inductor?
    • ⤷ What is the difference between a shielded and unshielded inductor like the LDS0705?