LED2000DR
AI

The **LED2000DR** is a high-efficiency monolithic step-down (buck) current source specifically designed for driving high-power LEDs. Manufactured by STMicroelectronics, it is widely used in automotive lighting, industrial signage, and architectural lighting.
---
### ## 1. Key Technical Specifications
The LED2000DR operates as a DC-DC converter with an integrated power MOSFET.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 3.0V to 18V |
| **Output Current** | Up to 3A |
| **Switching Frequency** | 850 kHz (Internal) |
| **Feedback Voltage** | 100 mV (Low power dissipation) |
| **Package Type** | SO-8 (Exposed Pad) |
| **Efficiency** | Up to 95% |
---
### ## 2. Core Internal Electronic Components
The device integrates several critical circuits into a single silicon die:
* **Integrated Power MOSFET:** A low $R_{DS(on)}$ N-channel DMOS transistor that acts as the high-side switch to control current flow.
* **Current Sense Amplifier:** Monitors the voltage across an external sense resistor ($R_s$). Because the reference voltage is only 100mV, it minimizes heat loss at the resistor.
* **PWM Control Logic:** Supports dedicated dimming. It has a specific **DIM pin** that allows for logic-level PWM signals to control LED brightness without shifting the color spectrum.
* **Error Amplifier:** Compares the feedback voltage with the internal 100mV reference to maintain a constant current output.
---
### ## 3. External Component Requirements
To function, the LED2000DR requires a few high-quality external passive components:
1. **Inductor ($L$):** Stores energy during the "ON" cycle. Typically ranges from $2.2\mu H$ to $10\mu H$ depending on the desired ripple.
2. **Catch Diode ($D$):** A Schottky diode is required to provide a path for the inductor current when the internal switch is "OFF."
3. **Input/Output Capacitors ($C$):** Ceramic capacitors (MLCC) are recommended for their low ESR to filter noise and stabilize voltage.
4. **Sense Resistor ($R_s$):** Determines the output current ($I_{out}$) based on the formula:
`I_out = 0.1V / R_s`
---
### ## 4. Protection Features
The chip includes robust circuitry to protect both the driver and the LEDs:
* **Overcurrent Protection (OCP):** Pulse-by-pulse current limiting.
* **Thermal Shutdown:** Automatically turns off the device if the junction temperature exceeds $150^\circ C$.
* **Soft Start:** Prevents inrush current during power-up.
---
- ⤷
How do I calculate the inductor value for a 1.5A LED application using the LED2000DR?
- ⤷ What are the advantages of the 100mV feedback voltage compared to standard 1.2V regulators?
- ⤷ Can the LED2000DR be used for battery-powered applications?