Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LED4

  • AI
    To explain the electronic components and principles of an LED (Light Emitting Diode), it is essential to look at it from both a physical structure and a circuit design perspective. --- ## 1. Physical Structure of an LED An LED is a specialized semiconductor diode. Unlike a standard signal diode, it is designed to emit photons when current flows through it. | Component | Function | | :--- | :--- | | **Anode (+)** | The positive terminal (longer lead). | | **Cathode (-)** | The negative terminal (shorter lead, usually marked by a flat edge on the plastic case). | | **P-N Junction** | The core semiconductor where light is generated via recombination. | | **Epoxy Lens** | Protects the internal components and focuses the light beam. | | **Reflective Cavity** | Directs the light emitted from the chip toward the lens. | --- ## 2. The P-N Junction Physics The heart of the LED is the semiconductor material (typically Gallium Arsenide or Gallium Nitride). 1. **Recombination:** When a forward voltage is applied, electrons from the N-type layer cross the junction to fill "holes" in the P-type layer. 2. **Energy Release:** As an electron falls into a lower energy state (the hole), it releases energy in the form of a **photon**. 3. **Color Determination:** The energy gap (bandgap) of the semiconductor determines the wavelength (color) of the light. * *Red LEDs:* Low energy gap. * *Blue/UV LEDs:* High energy gap. --- ## 3. Key Electrical Characteristics When designing a circuit with an LED, you must consider these three primary parameters: ### Forward Voltage ($V_f$) This is the amount of voltage required to "turn on" the LED. * **Red:** ~1.8V to 2.2V * **Blue/White:** ~3.0V to 3.4V ### Forward Current ($I_f$) The amount of current the LED is designed to handle. Most standard 5mm LEDs operate safely at **20mA (0.02A)**. Exceeding this will burn out the component. ### The Current-Limiting Resistor Because LEDs have very low internal resistance once they reach their forward voltage, a resistor is **required** to prevent thermal runaway. ```python # Formula to calculate the required resistor (Ohm's Law) # R = (Source_Voltage - Forward_Voltage) / Desired_Current # Example for a 9V battery and a Red LED (2V, 20mA): # R = (9 - 2) / 0.020 # R = 350 Ohms ``` --- ## 4. Connection Summary | Feature | Anode (+) | Cathode (-) | | :--- | :--- | :--- | | **Lead Length** | Longer | Shorter | | **Internal Plate** | Small Post | Large Flag | | **Casing Shape** | Round | Flat edge | ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor value for multiple LEDs in series?
    • ⤷ What is the difference between an RGB LED and a standard LED?
    • ⤷ Why does a Blue LED require more voltage than a Red LED?