Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LED55CF

  • AI
    The **LED55CF** is a common model designation for 55-inch LED-backlit LCD televisions (often associated with brands like RCA, Changhong, or Curtis). While specific components may vary slightly by production year, the internal architecture follows a standardized electronic framework. ### 1. Main Board (System Board) The "brain" of the television. It processes all incoming signals and controls the user interface. * **Microprocessor (CPU):** Handles the OS and software functions. * **Video Processor:** Scales the input resolution to match the 55-inch panel's native resolution. * **I/O Ports:** Includes HDMI controllers, USB ports, AV inputs, and the Tuner (RF input). * **EEPROM/Flash Memory:** Stores firmware and user settings. ### 2. Power Supply Unit (PSU) Converts high-voltage AC (wall outlet) into low-voltage DC for the sensitive internal components. * **Rectifier/Transformer:** Converts 110V/220V AC to 5V, 12V, and 24V DC. * **Filtering Capacitors:** Smooth out voltage fluctuations (often a point of failure if they bulge). * **LED Driver Circuit:** A specific section of the PSU (or a separate board) that boosts voltage to power the backlight array. ### 3. T-Con Board (Timing Controller) The bridge between the Main Board and the LCD Panel. * **Function:** It translates the video signal into horizontal and vertical control signals that tell each pixel when to open or close. * **Failure Symptom:** If this part fails, you may see vertical lines, a "ghosting" image, or a completely white/black screen while sound still works. ### 4. Backlight Assembly Unlike OLED, the LED55CF uses a series of Light Emitting Diodes to illuminate the screen. * **Type:** Usually **DLED (Direct LED)** where LEDs are placed in rows behind the screen, or **ELED (Edge LED)** where they are along the sides. * **Diffuser Sheets:** Layers of plastic that spread the light evenly so there are no "hot spots." --- ### Component Summary Table | Component | Primary Function | Common Failure Symptom | | :--- | :--- | :--- | | **Main Board** | Signal processing & Smart features | TV won't change inputs or stuck on logo | | **PSU** | Power distribution | TV won't turn on (no standby light) | | **T-Con Board** | Pixel timing control | Distorted images or colored lines | | **LED Strips** | Screen illumination | Sound works but screen is dark (Flashlight test) | | **LVDS Cable** | Data transmission | Flickering or solarized colors | --- ### 5. LCD Panel The glass assembly containing the liquid crystals. This is the most expensive part of the unit and is generally not cost-effective to replace if physically cracked.
    ✨ Follow-up Questions
    • ⤷ How can I test if the LED backlight strips are burnt out?
    • ⤷ Where can I find the specific board numbers for a replacement part?
    • ⤷ What are the common causes of a blinking standby light on this model?