Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LEDPROCAM

  • AI
    The **LEDPROCAM** is a specialized device that integrates high-intensity LED lighting with high-definition camera technology, commonly used in medical, industrial, or professional broadcast environments. The electronic architecture is divided into three primary subsystems: the **Imaging System**, the **Illumination System**, and the **Control Interface**. --- ### 1. Key Electronic Components | Component Type | Specific Part/Function | Description | | :--- | :--- | :--- | | **Image Sensor** | CMOS / CCD Sensor | Captures light and converts it into electrical signals (usually 4K or 1080p resolution). | | **LED Array** | High-CRI SMD LEDs | Provides the light source. High Color Rendering Index (CRI) ensures natural color reproduction. | | **Microcontroller (MCU)** | ARM Cortex or FPGA | The "brain" that synchronizes the shutter speed of the camera with the LED pulse. | | **Image Signal Processor (ISP)** | DSP Chip | Handles noise reduction, white balance, and real-time video compression. | | **Driver Circuit** | Constant Current Driver | Ensures the LEDs do not flicker and maintain consistent brightness levels. | --- ### 2. Functional Subsystems #### A. The Illumination Engine Unlike standard flashlights, the LEDPROCAM uses **Pulse Width Modulation (PWM)** or constant current regulation. - **Thermal Management:** Includes thermistors to monitor heat, as high-power LEDs generate significant heat which can damage the image sensor. - **Optical Lens:** Focuses the LED beam to align perfectly with the camera's field of view (FOV). #### B. The Camera Module - **A/D Converters:** Convert the analog voltage from the sensor pixels into digital data. - **Storage/Output:** Typically includes interfaces like HDMI, USB-C, or SDI for low-latency video transmission. #### C. Power Management Unit (PMU) - **Voltage Regulators:** Convert battery or DC input into stable voltages (e.g., 3.3V for logic, 12V for LEDs). - **Protection Circuits:** Includes over-voltage and short-circuit protection to safeguard sensitive optical sensors. --- ### 3. Technical Specifications (Typical) ```json { "resolution": "3840 x 2160 (4K)", "lighting_output": "Up to 50,000 Lux", "color_temperature": "5600K (Daylight)", "interface": "USB 3.0 / HDMI 2.0", "input_voltage": "12V - 24V DC" } ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the synchronization between the LED pulse and the camera shutter work?
    • ⤷ What are the specific cooling requirements for the LEDPROCAM hardware?
    • ⤷ Can the LEDPROCAM be integrated into existing surgical or industrial software via API?