Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LEDRB75

  • AI
    The **RB75** is a series of **Schottky Barrier Diodes** (specifically the **RB751 series**) commonly used in electronic circuits for high-speed switching and low-voltage rectification. While your query mentions "LED," it is important to clarify that the RB75 is a **diode**, not a Light Emitting Diode (LED), though it is often used in circuits that drive LEDs. --- ### 1. Key Technical Specifications The RB751 series (like the RB751S-40) is designed for applications where small size and efficiency are critical. | Feature | Specification (Typical RB751S-40) | | :--- | :--- | | **Type** | Schottky Barrier Diode | | **Peak Reverse Voltage ($V_{RM}$)** | 40V | | **DC Reverse Voltage ($V_R$)** | 30V | | **Forward Current ($I_F$)** | 30mA | | **Forward Voltage Drop ($V_F$)** | ~0.37V (at $I_F$ = 1mA) | | **Package Type** | SOD-523 / SOD-323 (Ultra-small SMD) | --- ### 2. Major Characteristics * **Low Forward Voltage ($V_F$):** Unlike standard silicon diodes (~0.7V), the RB75 has a very low drop (approx. 0.3V), which minimizes power loss. * **High Switching Speed:** Due to the Schottky barrier construction, it has a near-zero reverse recovery time, making it ideal for high-frequency signals. * **Miniaturization:** Usually found in surface-mount (SMD) packages, perfect for mobile phones and compact electronics. --- ### 3. Common Applications The RB75 is typically found in the following circuit configurations: 1. **Level Shifting:** Used in logic circuits to shift signal levels without significant delay. 2. **Clipping and Clamping:** Protecting sensitive IC inputs from voltage spikes. 3. **Reverse Polarity Protection:** Protecting low-power battery-operated devices from damage if the battery is inserted backward. 4. **LED Backlight Drivers:** Used as a steering diode in boost converters that power LED strings in smartphone screens. --- ### 4. Comparison: Schottky vs. Standard Diode If you are looking at an RB75 in a circuit, here is why it was chosen over a standard 1N4148 or similar: | Feature | RB75 (Schottky) | 1N4148 (Silicon Switching) | | :--- | :--- | :--- | | **Voltage Drop** | Very Low (~0.3V) | Standard (~0.7V) | | **Speed** | Ultra Fast | Fast | | **Reverse Leakage** | Higher | Lower | | **Power Efficiency** | High | Medium | --- ### Example Schematic Symbol ```text Anode Cathode | | ---+--- |>| ----+--- | | (Flat bar side) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between an RB75 diode and a regular LED?
    • ⤷ Can I substitute an RB75 with a 1N4148 in a low-power circuit?
    • ⤷ What are the common SMD markings for the RB751S-40?