Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LEDSL2DG

  • AI
    Based on the part number provided, **LEDSL2DG** typically refers to a **Green Subminiature Surface Mount LED (SMD)**. These are widely used in circuit design for status indication, backlighting, and signal displays due to their compact size and low power consumption. --- ## Technical Specifications The following table outlines the typical electrical and physical characteristics of this component category: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Color** | Green | - | | **Material** | GaP / GaAlP | Semiconductor | | **Forward Voltage ($V_F$)** | 2.1 - 2.4 | Volts (V) | | **Forward Current ($I_F$)** | 20 | Milliamperes (mA) | | **Luminous Intensity** | 10 - 25 | Millicandela (mcd) | | **Viewing Angle** | 120 - 140 | Degrees (°) | | **Package Size** | 0603 or 0805 | SMD Standard | --- ## Key Electronic Features ### 1. Polarity and Direction Like all diodes, the **LEDSL2DG** is polarized. Current must flow from the **Anode (+)** to the **Cathode (-)** to emit light. On the physical package, the cathode is usually marked with a small green notch or a dot on the underside of the PCB. ### 2. Current Limiting Requirements This LED cannot be connected directly to a power source (like a battery) without a **current-limiting resistor**. Without a resistor, the LED will draw too much current and burn out instantly. **Example Calculation:** If using a 5V supply and the LED has a forward voltage of 2.1V: `R = (V_supply - V_forward) / I_target` `R = (5V - 2.1V) / 0.02A = 145 Ohms` ### 3. Surface Mount Technology (SMT) The "SL" in the prefix often denotes a **Subminiature** or **Small** lead configuration. These are designed for automated pick-and-place machines and reflow soldering, making them ideal for high-density circuit boards where space is a premium. --- ## Applications * **Status Indicators:** Power-on lights for laptops, routers, or industrial panels. * **LCD Backlighting:** Small screens or button illumination. * **Consumer Electronics:** Handheld devices and wearable tech.
    ✨ Follow-up Questions
    • ⤷ What is the exact package footprint (e.g.
    • ⤷ 0603
    • ⤷ 0805) for your specific LEDSL2DG variant?
    • ⤷ How do I calculate the resistor value for a 3.3V power supply?
    • ⤷ What are the soldering temperature requirements for this SMD LED?