Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LEDSL9DG

  • AI
    The **LEDSL9DG** is a specific model of a **Battery Backup LED Emergency Bulb** (often branded under GE or similar manufacturers). These bulbs are designed to function as standard light bulbs while power is available and transition to an internal battery source during a power outage. --- ### Core Electronic Components The functionality of the LEDSL9DG is divided into several critical electronic subsystems: | Component | Function | Description | | :--- | :--- | :--- | | **LED Array** | Light Source | High-efficiency Surface Mount Device (SMD) LEDs that provide the actual illumination. | | **Li-ion Battery** | Energy Storage | An internal rechargeable battery (typically 3.7V) that stores power for emergency use. | | **Charging Circuit** | Power Management | Constant current/voltage circuit that keeps the battery topped off while the main switch is ON. | | **Inverter/Driver** | Voltage Conversion | Converts AC mains (120V) to DC for normal use, and boosts Battery DC to the required LED voltage during outages. | | **Sensing Logic** | Failure Detection | A smart chip that detects the difference between a flipped wall switch (open circuit) and a power grid failure (closed loop). | --- ### Technical Specifications The electronic performance varies depending on whether it is running on AC power or Battery power: * **Wattage (Normal):** ~9W (Equivalent to a 60W incandescent). * **Wattage (Emergency):** Often drops to a lower lumen output (approx. 3-5W) to preserve battery life. * **Battery Runtime:** Typically provides **3 to 5 hours** of emergency light. * **Charging Time:** Requires 8–10 hours of "ON" time to reach a full charge. * **Base Type:** E26 (Standard medium screw base). --- ### How the "Smart Sensing" Works One of the most complex electronic parts of the LEDSL9DG is the **impedance sensor**. 1. **Wall Switch OFF:** The sensor sees an "Open Circuit" (infinite resistance). The bulb stays off. 2. **Power Outage:** Even if the switch is ON, the rest of your home’s electrical load (other appliances) creates a "Closed Loop" across the hot and neutral lines. 3. **Activation:** The internal logic detects this low-impedance loop and triggers the battery power to the LEDs. --- ### Safety and Protection Features The internal PCB (Printed Circuit Board) typically includes: * **Overcharge Protection:** Prevents the Lithium-ion battery from overheating or degrading. * **Deep Discharge Protection:** Shuts off the light before the battery voltage drops too low, which would permanently damage the cells. * **Thermal Fuse:** A safety component that breaks the circuit if the bulb's internal temperature exceeds safe limits.
    ✨ Follow-up Questions
    • ⤷ How do I test if the battery backup is still working?
    • ⤷ Can this bulb be used in a dimmable fixture?
    • ⤷ Does the bulb charge if the light switch is turned off?