LETH3W
AI

The **LETH3W** is a specific part number typically associated with **LED lighting components**, specifically a **3W High-Power LED Bead** often mounted on a Star PCB (Heat Sink).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Technical Specifications
The "3W" in the part number denotes the power rating. These components are designed to handle higher currents than standard 5mm indicator LEDs.
| Parameter | Typical Value |
| :--- | :--- |
| **Power Consumption** | 3 Watts |
| **Forward Voltage (Vf)** | 3.2V - 3.6V (White/Blue) |
| **Forward Current (If)** | 600mA - 700mA |
| **Luminous Flux** | 200 - 240 Lumens |
| **Viewing Angle** | 120° - 140° |
| **Operating Temperature** | -20°C to +60°C |
---
## 2. Key Electronic Components & Structure
The LETH3W is not just a single filament but a semiconductor assembly consisting of several parts:
* **LED Die (Chip):** The semiconductor material (usually InGaN for white/blue) that converts electrical energy into light.
* **Gold Wire Bonding:** Tiny wires that connect the semiconductor chip to the external electrodes.
* **Phosphor Layer:** (For White LEDs) A coating over the blue die that shifts the light spectrum to produce white light.
* **Aluminum Star PCB:** Most LETH3W units come pre-mounted on a hexagonal aluminum board. This is critical for **thermal management**, as 3W LEDs generate significant heat that can destroy the chip if not dissipated.
---
## 3. Circuit Requirements
To operate a LETH3W safely, the following electronic considerations are mandatory:
### Constant Current Driver
Unlike a resistor-based circuit for small LEDs, a 3W LED requires a **Constant Current Driver**. Because the internal resistance of the LED drops as it heats up (Thermal Runaway), a standard voltage source would cause the current to spike and burn out the component.
### Heat Sinking
The LETH3W must be attached to an additional heatsink using thermal paste. The small aluminum "star" plate provided with the part is usually insufficient for continuous operation at full 700mA.
---
## 4. Common Applications
* **Flashlights:** High-intensity portable lighting.
* **Architectural Lighting:** Spotlights and wall washers.
* **DIY Projects:** Arduino-controlled high-brightness displays (requires a transistor or MOSFET driver).
* **Grow Lights:** Specific spectrum versions are used for indoor gardening.
- ⤷
How do I calculate the correct resistor if I am not using a constant current driver?
- ⤷ What is the difference between the 1W and 3W versions of this LED?
- ⤷ Why is thermal paste necessary for the LETH3W star PCB?