Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LF2A-R100JB

  • AI
    ## Analysis of the LF2A-R100JB Electronic Component The **LF2A-R100JB** is a specific model of a **Linear Position Transducer** (Potentiometric displacement sensor) manufactured by companies like **Apollo** or **Lika**. These devices are designed to convert linear mechanical motion into a proportional electrical signal. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics typically associated with this model: | Characteristic | Specification | | :--- | :--- | | **Measurement Stroke** | 100 mm | | **Resistance Value** | 5 kΩ (Standard) | | **Resistance Tolerance** | ±20% | | **Linearity** | ±0.1% to ±0.05% | | **Input Voltage** | 60V DC (Maximum recommended) | | **Output Type** | Analog (Voltage Divider) | | **Operating Temperature** | -30°C to +100°C | | **Protection Class** | IP65 / IP67 (Depending on sealing) | --- ### 2. Operational Principle The LF2A series functions as a **Voltage Divider**. It consists of a high-precision conductive plastic resistive element and a wiper assembly. * **Mechanical Input:** As the rod (actuator) moves, the internal wiper slides along the resistive track. * **Electrical Output:** The resistance between the wiper and one end of the track changes linearly. When a reference voltage is applied across the two ends, the wiper provides a voltage output directly proportional to the position of the rod. --- ### 3. Key Components & Materials * **Housing:** Anodized aluminum, providing electromagnetic shielding and physical durability. * **Resistive Element:** Conductive plastic. This material is chosen for its long life (millions of cycles) and high resolution (infinite resolution theoretically). * **Bearings:** Dual-bearing support for the stainless steel shaft to ensure smooth motion and reduce side-load wear. * **Connections:** Usually features a 4-pin connector or an integrated cable. --- ### 4. Typical Applications The "R" in the model name often refers to a "Rod" type actuator, making it suitable for: 1. **Industrial Machinery:** Monitoring the position of hydraulic cylinders. 2. **Injection Molding:** Controlling the travel of the mold or injector. 3. **Automation:** Feedback for robotic arms or tensioning systems. 4. **Testing Equipment:** Measuring material deformation or displacement in labs. --- ### 5. Wiring Diagram (Standard) The device typically uses three active pins: ```text Pin 1: Input Voltage (+) - Excitation Pin 2: Output Signal - Wiper (Variable) Pin 3: Ground (-) - Common ``` *Note: Pin 4 is usually used for Earth/Shielding.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum mechanical life expectancy of the LF2A series?
    • ⤷ How does the linearity error affect the accuracy of the measurement?
    • ⤷ Can the LF2A-R100JB be used in high-vibration environments?