Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LF2X-R10JB

  • AI
    The **LF2X-R10JB** belongs to a specific category of high-power resistors, typically manufactured by companies like **KOA Speer** or similar industrial component producers. These are often categorized as **Rectangular Type Metal Oxide Wirewound Resistors** or Power Shunt resistors. ### 1. Technical Specifications The part number suffix typically indicates the electrical characteristics: | Parameter | Value/Description | | :--- | :--- | | **Series** | LF (Power Type) | | **Resistance Value** | 0.10 $\Omega$ (indicated by R10) | | **Tolerance** | $\pm5\%$ (indicated by J) | | **Packaging** | Bulk/Standard (indicated by B) | | **Power Rating** | Usually 2W to 5W (Series dependent) | --- ### 2. Core Components and Construction The LF2X series is designed for durability and heat dissipation. Its internal structure generally consists of: * **Resistive Element:** A metal oxide film or a specialized wirewound element chosen for low resistance values. * **Core Material:** A high-thermal-conductivity ceramic rod or substrate. * **Coating:** A flameproof, inorganic silicone or cement coating that protects the part from environmental moisture and high temperatures. * **Leads:** Tin-plated copper leads for stable soldering. --- ### 3. Key Features * **Low Resistance:** At $0.10\Omega$, this part is primarily used for current sensing rather than voltage dropping. * **Flameproof Construction:** The materials are designed not to ignite even under severe overload conditions. * **High Stability:** Maintains a consistent resistance value even when subjected to thermal cycling. * **Pulse Handling:** Excellent ability to withstand short-term energy surges compared to standard carbon film resistors. --- ### 4. Typical Applications These parts are commonly found in power-sensitive circuits including: 1. **Current Sensing:** Measuring the current flow in motor controllers or battery management systems. 2. **Power Supplies:** Used as a shunt resistor in switching power supplies (SMPS). 3. **Audio Amplifiers:** Integrated into output stages to stabilize the circuit. 4. **Automotive Electronics:** Used in lighting modules or small motor actuators. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the LF2X series?
    • ⤷ How do I calculate the power dissipation for this 0.10 ohm resistor in my circuit?
    • ⤷ Are there surface-mount (SMD) equivalents for the LF2X-R10JB?