Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LFC-27W-R

  • AI
    ### Overview of the LFC-27W-R The **LFC-27W-R** is a high-performance electronic **Circular Polarizer (CPL) Filter**, typically designed for machine vision, industrial imaging, and optical sensors. Its primary function is to eliminate glare and reflections from non-metallic surfaces (like glass or water) to improve image contrast. --- ### Technical Specifications The following table summarizes the key electronic and physical properties of the LFC-27W-R: | Property | Description | | :--- | :--- | | **Type** | Circular Polarizer (CPL) | | **Thread Size** | M27 x P0.5 | | **Wavelength Range** | 400nm – 700nm (Visible Spectrum) | | **Transmission Rate** | ~38% (Single Filter) | | **Extinction Ratio** | High (Typically > 99%) | | **Material** | Optical Grade Glass with Aluminum Ring | --- ### Key Electronic & Optical Components #### 1. Polarizing Film Layer The core "electronic" part of the filter is a multi-layer thin film. It consists of a linear polarizer combined with a **Quarter-Wave Plate (QWP)**. * **Linear Polarizer:** Blocks light waves vibrating in specific orientations. * **Quarter-Wave Plate:** Converts the linearly polarized light into circularly polarized light, which prevents interference with the phase-detection autofocus sensors found in modern electronic cameras. #### 2. Anti-Reflective (AR) Coating To prevent "ghosting" or internal electronic sensor flare, the glass is treated with a vacuum-deposited AR coating. This ensures that the maximum amount of light reaches the CMOS/CCD sensor without bouncing back into the lens elements. #### 3. Precision Machined Housing While not electronic, the housing is designed for integration into electronic enclosures: * **Low-Profile Design:** Prevents vignetting on wide-angle industrial lenses. * **Rotational Control:** The outer ring allows for manual or automated adjustment of the polarization angle to target specific glare points. --- ### Common Applications In the context of electronic systems, the LFC-27W-R is used in: 1. **Automated Optical Inspection (AOI):** Inspecting PCBs for solder defects where glare from the solder mask interferes with the camera. 2. **Robotic Vision:** Helping robots "see" through transparent packaging. 3. **Surveillance:** Reducing reflections from windows or vehicle windshields. ---
    ✨ Follow-up Questions
    • ⤷ How does the circular polarizer differ from a linear polarizer in machine vision?
    • ⤷ What is the impact of the 38% transmission rate on camera exposure settings?
    • ⤷ Can the LFC-27W-R be used for Infrared (IR) imaging applications?