Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LG-16-R

  • AI
    The **LG-16-R** typically refers to a high-performance **rotary level sensor** or a specific **LED indicator module** depending on the manufacturer (most commonly associated with industrial automation components like those from *Honeywell* or *Autonics*). Below is a breakdown of the electronic components and technical specifications generally found in this class of industrial electronic parts. --- ### 1. Key Technical Specifications The "R" suffix usually denotes a specific output type (Relay) or color (Red). | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12V - 24V DC or 110/220V AC (Model dependent) | | **Output Type** | Relay Contact (SPDT) or NPN/PNP Open Collector | | **Current Consumption** | 30mA - 50mA | | **Response Time** | < 100ms | | **Operating Temperature** | -10°C to +55°C | | **Protection Rating** | IP65 (Dust/Water resistant) | --- ### 2. Core Electronic Components The internal circuitry of an LG-16-R unit generally consists of four primary stages: #### A. The Sensing Element * **Phototransistor/Infrared Diode:** If it is an optical sensor, it uses an IR pair to detect breaks in a beam. * **Mechanical Microswitch:** If it is a rotary limit switch, it contains a high-endurance snap-action switch rated for millions of cycles. #### B. Signal Processing PCB * **Comparator IC:** Usually an LM393 or similar, used to compare the voltage from the sensor against a reference threshold to prevent "chatter." * **Filtering Capacitors:** Electrolytic and ceramic capacitors are used to smooth out electrical noise from the industrial power supply. #### C. Output Interface * **Electromechanical Relay:** A small coil-based switch that allows the low-power sensor circuit to control high-power machinery. * **Protection Diode (Flyback):** Placed across the relay coil to protect the internal transistors from voltage spikes when the coil de-energizes. #### D. Visual Indicators * **Status LEDs:** Typically a Red LED (indicated by the "-R") to show power status or trigger state. --- ### 3. Wiring Configuration Most LG-16-R modules follow a standard industrial wiring color code: ```markdown 1. Brown --> VCC (+) Positive Power 2. Blue --> GND (-) Negative Power 3. Black --> NO (Normally Open) Output 4. White --> NC (Normally Closed) Output 5. Gray --> COM (Common) ``` --- ### 4. Applications * **Level Control:** Detecting the height of liquids or grains in a tank. * **Object Detection:** Identifying the presence of parts on a high-speed conveyor belt. * **Safety Interlocks:** Ensuring a machine guard is closed before the motor starts.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the LG-16-R relay output?
    • ⤷ Can the LG-16-R be used in hazardous environments with explosive dust?
    • ⤷ How do I troubleshoot a 'No Signal' error on an LG-16-R sensor?