Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LG-R971

  • AI
    The **LG-R971** (also known as the LG CordZero R9) is a high-end robotic vacuum cleaner known for its advanced artificial intelligence and powerful suction motor. Its electronic architecture is significantly more complex than standard budget robots, integrating computer vision and high-current power management. --- ### Core Electronic Components | Component Category | Specific Part / Technology | Function | | :--- | :--- | :--- | | **Main Processor** | Quad-Core CPU (AI-integrated) | Handles SLAM (Simultaneous Localization and Mapping) and DeepThinQ AI object recognition. | | **Suction Motor** | Smart Inverter Motor P9 | A high-speed brushless DC (BLDC) motor that provides vacuum pressure. | | **Imaging System** | 3D Dual Eye (Front Camera) | Captures spatial data to distinguish between walls, furniture, and small obstacles. | | **Sensors** | 3D Laser & Ultrasonic Sensors | Uses ToF (Time of Flight) and sound waves to detect transparent objects (like glass) and cliffs. | | **Battery Pack** | 18V / 22V Lithium-Ion | High-density cells designed for constant high-current draw by the inverter motor. | | **Connectivity** | Wi-Fi Module (802.11 b/g/n) | Facilitates LG ThinQ app integration and OTA (Over-the-Air) firmware updates. | --- ### Detailed Analysis of Sub-Systems #### 1. The Smart Inverter Motor (P9) Unlike standard DC motors, the **P9 Smart Inverter Motor** uses electronic commutation. It utilizes a dedicated motor driver circuit on the PCB that adjusts the frequency and voltage to control RPM. This allows the robot to increase suction power automatically when it detects carpets via current-sensing on the brush motor. #### 2. DeepThinQ AI & Vision Processing The R9 features a "Master" control board that functions similarly to a smartphone motherboard. It processes: * **Feature Extraction:** Identifying chair legs vs. pet waste. * **Visual SLAM:** Creating a digital map by tracking landmarks in the room via the 160-degree wide-angle camera. #### 3. Power Management System (PMS) The main PCB (Printed Circuit Board) includes a sophisticated charging circuit. It manages: * **Cell Balancing:** Ensuring all cells in the Li-ion pack charge equally. * **Thermal Monitoring:** Thermistors send data to the CPU to shut down the system if the battery or motor exceeds 60°C. #### 4. Sensor Array Interface The electronic "nervous system" consists of: * **Cliff Sensors:** Infrared emitters/receivers at the bottom to prevent falls. * **Bumper Switches:** Mechanical micro-switches that act as a fail-safe if the optical sensors miss an obstacle. * **Gyroscope & Accelerometer:** IMU (Inertial Measurement Unit) sensors that help the robot maintain a straight path. --- ### Technical Specifications Summary ```json { "Model": "LG-R971", "Motor_Type": "Brushless DC (Inverter)", "Battery_Tech": "Lithium-Ion", "Connectivity": "2.4GHz Wi-Fi", "Navigation_System": "3D Dual Eye + Laser SLAM", "Dust_Detection": "Internal Airflow Pressure Sensor" } ```
    ✨ Follow-up Questions
    • ⤷ How does the R9's 3D Dual Eye camera differ from standard LIDAR sensors?
    • ⤷ What are the common failure points in the LG R9's main PCB?
    • ⤷ Can the battery cells in the LG-R971 be replaced individually?