Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LGN2P331MELY35

  • AI
    The part number **LGN2P331MELY35** refers to a high-quality aluminum electrolytic capacitor manufactured by **Nichicon**, belonging to the **GN series**. These are typically "snap-in" type capacitors used in power supply rectification and industrial equipment. ### 1. Part Number Breakdown To understand the specifications, we can decode the manufacturer's nomenclature: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **LGN** | Series Name | GN Series (Snap-in, 3000 hours at 105°C) | | **2P** | Voltage Rating | 225 Volts (DC) | | **331** | Capacitance | 330 $\mu$F (33 + 1 zero) | | **M** | Tolerance | $\pm$20% | | **ELY** | Case Code | Refers to Diameter (approx. 20mm - 25mm) | | **35** | Case Height | 35mm | --- ### 2. Technical Specifications Below are the primary electronic characteristics of this component: * **Type:** Aluminum Electrolytic Capacitor (Polarized). * **Capacitance:** 330 $\mu$F. * **Rated Voltage:** 225V DC. * **Temperature Rating:** -40°C to +105°C. * **Lifetime:** 3,000 hours at 105°C (Longer life at lower temperatures). * **Termination:** Snap-in (designed for easy PCB mounting and stability). * **Size:** 20mm (Diameter) x 35mm (Height) — *Note: Exact diameter may vary slightly by specific production batch codes.* --- ### 3. Key Features and Applications The LGN series is designed for high reliability in demanding environments. #### Features: * **High Ripple Current:** Capable of handling significant AC components in power lines. * **Thermal Stability:** Rated for 105°C, making it suitable for environments with poor ventilation or high ambient heat. * **Compact Design:** The snap-in terminal allows for a secure mechanical fit on a PCB before soldering. #### Common Uses: 1. **Switching Power Supplies (SMPS):** Used for smoothing and filtering DC output. 2. **Inverters:** Energy storage and DC-link applications. 3. **Motor Drives:** Buffering high-voltage DC rails. 4. **Audio Amplifiers:** Power reservoir for high-power output stages. --- ### 4. Safety and Handling When integrating this part into a circuit, keep the following in mind: * **Polarity:** This is a polarized component. Reverse voltage will cause overheating and potential explosion. * **Discharge:** Large capacitors can hold a lethal charge long after power is disconnected. Always discharge safely. * **Derating:** For maximum longevity, it is standard practice to operate the capacitor at 80% or less of its rated voltage.
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative series from other manufacturers like Nippon Chemi-Con or Rubycon?
    • ⤷ How does the ripple current rating affect the lifespan of this capacitor?
    • ⤷ Can this capacitor be used in a 240V AC rectification circuit?