Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LHA16013P

  • AI
    The **LHA16013P** is a specific electronic component commonly associated with high-frequency power conversion and induction heating applications. It is typically identified as a high-performance **Power MOSFET** or an **IGBT** (Insulated Gate Bipolar Transistor) module derivative, often used in specialized industrial equipment. --- ### 1. Key Technical Specifications While specifications can vary slightly by manufacturer (often found in brands like Mitsubishi or specialized Chinese industrial electronics), the general profile for this part is as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Semiconductor (MOSFET/IGBT) | | **Max Voltage ($V_{DSS}$/$V_{CES}$)** | 600V - 650V | | **Current Rating ($I_D$)** | 13A - 16A | | **Package Type** | TO-220 or TO-3P (Heat sink mountable) | | **Application** | Switching Power Supplies, Induction Cookers | --- ### 2. Functional Sections The LHA16013P consists of three primary terminals that control the flow of electricity: 1. **Gate (G):** The control terminal. A small voltage applied here acts as a "switch" to turn the device on or off. 2. **Drain (D) / Collector (C):** The entry point for the high-voltage current. 3. **Source (S) / Emitter (E):** The exit point for the current, usually connected to the load or ground. --- ### 3. Usage in Circuitry This part is designed for **High-Speed Switching**. In a circuit, it operates like a high-speed electronic valve. * **Pulse Width Modulation (PWM):** It is often controlled by a PWM signal to regulate power efficiency. * **Heat Dissipation:** Due to the 13A-16A current capacity, it must be attached to a **Heat Sink** using thermal paste to prevent thermal runaway. * **Protection:** In most circuits, it is paired with a **Flyback Diode** to protect the part from voltage spikes caused by inductive loads. --- ### 4. Implementation Example If you were using this in a simple DC switching circuit, the logic would look like this: ```cpp // Conceptual Logic for driving the component via a Microcontroller void setup() { pinMode(GATE_PIN, OUTPUT); } void loop() { digitalWrite(GATE_PIN, HIGH); // LHA16013P conducts (Switch ON) delay(10); digitalWrite(GATE_PIN, LOW); // LHA16013P stops (Switch OFF) delay(10); } ``` --- ### 5. Common Failure Modes * **Thermal Overload:** Operating without a proper heatsink leads to internal junction melting. * **Overvoltage:** Exceeding the 600V threshold causes immediate breakdown of the semiconductor material. * **Gate Rupture:** Static electricity (ESD) or excessive gate voltage can destroy the thin oxide layer.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the LHA16013P?
    • ⤷ Can I substitute the LHA16013P with a standard IRF840 MOSFET?
    • ⤷ What are the specific thermal management requirements for this part at full load?