Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LHCC10040-R45M-R7

  • AI
    ### Component Overview: LHCC10040-R45M-R7 The **LHCC10040-R45M-R7** is a high-current, shielded power inductor typically used in automotive and industrial power management applications. It is designed for high-frequency DC-DC converters where space is limited and high efficiency is required. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.45 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 10.0 x 11.5 x 4.0 mm | | **Rated Current (Irms)** | ~25A - 32A (varies by thermal rise) | | **Saturation Current (Isat)** | ~45A - 55A | | **DC Resistance (DCR)** | Typ. 0.9 mΩ - 1.3 mΩ | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded (Molded) | --- ### Part Number Breakdown The nomenclature provides specific details about the component's construction: 1. **LHCC**: Series identifier (typically High Current, Composite core). 2. **10040**: Physical dimensions (approx. 10.0mm x 11.5mm length/width, 4.0mm height). 3. **R45**: Inductance value (R represents the decimal point; R45 = 0.45µH). 4. **M**: Tolerance (M = ±20%). 5. **R7**: Packaging code (usually refers to 7-inch reel tape and reel). --- ### Key Features and Applications #### Features * **Low Core Loss:** The composite metal powder core reduces AC losses at high frequencies. * **High Saturation:** Unlike ferrite cores, these molded inductors have a "soft saturation" characteristic, meaning they don't drop inductance abruptly under high current loads. * **Shielded Construction:** Minimizes Electromagnetic Interference (EMI) to surrounding components. #### Common Applications * **Voltage Regulator Modules (VRM):** For CPUs and GPUs. * **Automotive Electronics:** Infotainment systems and ADAS. * **DC-DC Converters:** Point-of-load (POL) power supplies in telecommunications. --- ### Typical Circuit Implementation ```spice * Simple Buck Converter Implementation VIN 1 0 DC 12V S1 1 2 3 0 MY_SWITCH D1 0 2 MY_DIODE L1 2 4 0.45uH * <--- LHCC10040-R45M-R7 C1 4 0 100uF R_LOAD 4 0 2.0 ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between soft saturation and hard saturation in these inductors?
    • ⤷ How does the DCR of this part affect the efficiency of a buck converter?
    • ⤷ Are there AEC-Q200 qualified versions of the LHCC series for automotive use?