Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LK1-4-R

  • AI
    The **LK1-4-R** refers to a high-current jumper (also known as a busbar jumper or shunt) manufactured by **Eaton (Coiltronics/Bussmann)**. It is primarily used in high-power electronic circuits for connecting trace paths or acting as a low-resistance link. --- ## 1. Technical Specifications The "R" suffix typically denotes RoHS compliance. Below are the key electronic characteristics: | Parameter | Value / Specification | | :--- | :--- | | **Current Rating** | Up to 50 Amperes | | **Material** | Tin-plated Copper | | **Resistance** | Extremely low (typically < 0.5 mΩ) | | **Mounting Type** | Through-hole (PCB) | | **Pin Configuration** | 4-pin arrangement | | **Compliance** | RoHS Compliant | --- ## 2. Structural Components The LK1-4-R is not a complex semiconductor; it is a passive mechanical component designed for electrical conductivity. * **Substrate:** High-purity copper alloy for maximum conductivity and thermal dissipation. * **Plating:** Tin (Sn) plating over the copper to prevent oxidation and ensure excellent solderability. * **Form Factor:** It is designed with a specific "bridge" geometry to allow for clearance over other PCB traces if necessary, while providing four anchor points for physical stability. --- ## 3. Electronic Functions The LK1-4-R serves three primary roles in an electronic assembly: ### A. High-Current Bridging In power electronics (like UPS systems or motor controllers), standard PCB traces may not be thick enough to carry 50A without overheating. The LK1-4-R acts as a "bolt-on" or "solder-in" extension of the PCB’s copper layer. ### B. Circuit Configuration (Jumpering) It can be used as a permanent "switch" to enable or disable specific power rails during the manufacturing phase. Unlike small logic jumpers, this is designed for power-stage configuration. ### C. Thermal Management Because it is a solid piece of tin-plated copper, it acts as a small heat sink, helping to draw heat away from the PCB pads and into the ambient air. --- ## 4. Common Applications * **Power Supplies:** Distributing high-current DC rails. * **Automotive Electronics:** Heavy-duty power distribution blocks. * **Battery Management Systems (BMS):** Connecting cell blocks or high-current shunts. * **Industrial Controls:** Used in motor drives where high-current switching is required.
    ✨ Follow-up Questions
    • ⤷ What is the maximum temperature rating for the LK1-4-R during operation?
    • ⤷ Are there surface-mount (SMD) alternatives to the LK1-4-R through-hole jumper?
    • ⤷ How does the voltage drop across an LK1-4-R compare to a standard 12 AWG wire?