Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LL103C

  • AI
    ## LL103C Schottky Barrier Diode The **LL103C** is a Small Signal Schottky Barrier Diode designed for high-speed switching and low forward voltage applications. It is commonly found in surface-mount configurations (MiniMELF), making it ideal for compact electronic circuits. ### 1. Key Technical Specifications | Parameter | Symbol | Value | Unit | | :--- | :---: | :---: | :---: | | Peak Reverse Voltage | $V_{RRM}$ | 20 | Volts | | Continuous Forward Current | $I_F$ | 200 | mA | | Forward Voltage Drop (at $I_F = 20mA$) | $V_F$ | Max 0.37 | Volts | | Power Dissipation | $P_{tot}$ | 400 | mW | | Reverse Recovery Time | $t_{rr}$ | 10 | ns | | Operating Temperature | $T_j$ | -65 to +125 | °C | --- ### 2. Core Features * **Low Forward Voltage ($V_F$):** Unlike standard silicon diodes (~0.7V), the LL103C has a very low drop, typically around 0.3V to 0.4V. This minimizes power loss and heat generation. * **Fast Switching:** With a reverse recovery time ($t_{rr}$) of approximately 10ns, it can handle high-frequency signals efficiently. * **Guard Ring Construction:** The internal die features a guard ring for transient protection and improved reliability. * **Package Type:** Usually comes in a **SOD-80 (MiniMELF)** glass package, which is hermetically sealed and suitable for automated surface mount assembly. --- ### 3. Common Applications The LL103C is utilized in circuits where efficiency and speed are critical: 1. **Rectification:** Used in low-voltage high-frequency rectification. 2. **Clamping & Clipping:** Protecting sensitive IC inputs from voltage spikes. 3. **Reverse Polarity Protection:** Protecting small battery-powered devices with minimal voltage loss. 4. **Mixing/Detection:** Found in RF circuits for signal detection due to its low junction capacitance. --- ### 4. Typical Connection Diagram (Simple Clamping) ```text Signal In >-------+----|>|----+-------> Output | LL103C | [R] [C] | | Ground >-------+-----------+------- ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between LL103A
    • ⤷ LL103B
    • ⤷ and LL103C?
    • ⤷ How does the power dissipation of LL103C change with temperature?
    • ⤷ What is the recommended PCB footprint for a MiniMELF package?