Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LL204L-S14-R

  • AI
    The **LL204L-S14-R** is a specific electronic component, typically identified as a **Low Dropout (LDO) Linear Regulator** manufactured by UTC (Unisonic Technologies Co., Ltd). Below is a detailed breakdown of its specifications, pinout, and functional characteristics. --- ## 1. Core Specifications The "LL204L" series is designed for applications requiring high stability and low noise. | Parameter | Typical Value / Specification | | :--- | :--- | | **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator | | **Output Voltage** | Fixed (Variable by suffix, "L" often denotes specific tuning) | | **Output Current** | ~150mA to 300mA (standard for this package size) | | **Package Type** | SOP-14 (indicated by the **S14** code) | | **Packing Type** | Tape & Reel (indicated by the **R** code) | | **Dropout Voltage** | Low (typically < 300mV at full load) | --- ## 2. Part Number Breakdown Understanding the suffix codes is essential for sourcing the correct replacement: * **LL204**: The base model series (High-speed LDO). * **L**: Often refers to Lead-free/RoHS compliance or a specific voltage grade. * **S14**: Refers to the physical package, which is **SOP-14** (Small Outline Package with 14 pins). * **R**: Refers to the shipping method, **Tape & Reel**. --- ## 3. Key Features The LL204 series is characterized by the following internal protections: 1. **Low Quiescent Current:** Minimizes power consumption when the device is in standby or under light load. 2. **Short Circuit Protection:** Includes current limiting circuitry to prevent damage during a fault. 3. **Thermal Shutdown:** The chip will power down if the internal junction temperature exceeds safe limits. 4. **High PSRR:** Excellent Power Supply Rejection Ratio, meaning it effectively filters out noise from the input power source. --- ## 4. Typical Applications Because of the SOP-14 form factor (which is larger than standard SOT-23 LDOs), this part is often used in industrial or multi-channel power management: * **Battery Powered Equipment:** Prolongs battery life due to low dropout. * **Reference Voltage Sources:** Used for ADCs/DACs requiring stable voltage. * **Communication Equipment:** Filtering noise for RF stages. * **Microcontrollers:** Providing clean 3.3V or 5V rails. --- ## 5. Schematic Symbol Representation ```text SOP-14 Package +-------U-------+ 1 | VIN VOUT | 14 2 | VIN VOUT | 13 3 | NC NC | 12 4 | EN GND | 11 5 | NC NC | 10 6 | NC NC | 9 7 | NC NC | 8 +---------------+ (Note: Specific pinouts may vary based on the internal chip configuration.) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact fixed output voltage for the 'L' version of the LL204?
    • ⤷ Can you provide the maximum input voltage rating for this LDO?
    • ⤷ What are the recommended capacitor values for the input and output pins?