Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LLM3225-R27J

  • AI
    The **LLM3225-R27J** is a specific electronic component, identifying as a **Surface Mount Device (SMD) Chip Inductor**. It is widely used in high-frequency circuits for signal processing and power management. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **LLM** | Series | Multilayer or Wire-wound high-frequency inductor series. | | **3225** | Metric Case Size | Physical dimensions: **3.2mm x 2.5mm** (Equivalent to EIA 1210). | | **R27** | Inductance Value | **0.27 µH** (270 nH). The "R" acts as a decimal point. | | **J** | Tolerance | **±5%** (Standard precision for inductors). | --- ### 2. Technical Specifications The typical electrical parameters for an R27J rated inductor in this package size are as follows: | Feature | Typical Value | | :--- | :--- | | **Inductance** | 0.27 µH (270 nH) | | **Tolerance** | ±5% | | **DC Resistance (DCR)** | Low (typically < 0.5 Ω) | | **Rated Current** | 300mA to 600mA (Manufacturer dependent) | | **Self-Resonant Frequency (SRF)** | High (suitable for RF applications) | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Physical Construction The LLM3225 series generally utilizes one of two construction methods: * **Wire-wound:** High Q-factor and high current handling. A fine copper wire is wound around a ceramic or ferrite core. * **Multilayer:** Extremely compact and cost-effective, created by layering conductive paste and ceramic materials. ### 4. Common Applications Due to its 0.27 µH value and 3225 footprint, this part is commonly found in: * **RF Matching Circuits:** Used in wireless communication modules (Bluetooth, Wi-Fi). * **DC-DC Converters:** Acts as a small power filter in mobile devices. * **EMI Suppression:** Filtering high-frequency noise in signal lines. * **Oscillators:** Serving as a frequency-determining element. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 3225 and 2012 metric sizes in inductors?
    • ⤷ Can I substitute a 'K' tolerance inductor for this 'J' tolerance part?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect this inductor's performance?