Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LLM3225-R33H

  • AI
    The **LLM3225-R33H** is a surface-mount (SMD) power inductor commonly used in DC-DC converter circuits. It belongs to a class of wire-wound chip inductors designed for high reliability and compact power management applications. --- ### 1. Technical Specifications The part number follows a standard nomenclature for electronic components. Here are the primary electrical and physical characteristics: | Property | Value / Detail | | :--- | :--- | | **Inductance** | 0.33 µH (R33) | | **Tolerance** | ±20% (H) | | **Package Size** | 3225 (Metric) / 1210 (Imperial) | | **Dimensions** | 3.2mm x 2.5mm | | **Core Material** | Ferrite | | **Construction** | Wire-wound | ### 2. Key Features * **High Current Capability:** Designed to handle significant saturation currents relative to its small footprint. * **Low DC Resistance (DCR):** The wire-wound construction minimizes energy loss as heat, improving the efficiency of the power supply. * **Magnetic Shielding:** Most 3225 series inductors in this category are shielded to reduce Electromagnetic Interference (EMI) with neighboring components. * **Compact Footprint:** The 1210 (3225) size is a standard for mobile devices and portable electronics where PCB space is limited. ### 3. Application Areas These inductors are typically found in the following circuits: 1. **Buck/Boost Converters:** Used for energy storage in switching regulators. 2. **Smartphones & Tablets:** Power management units (PMICs) for processors. 3. **Noise Filtering:** Smoothing out ripples in power lines to provide clean DC voltage. 4. **HDD/SSD Drives:** Voltage regulation for high-speed data storage. --- ### 4. Component Symbol & Footprint In a schematic or PCB layout, the LLM3225-R33H is represented as follows: ```text Schematic Symbol: L1 -ZZZZZ- (Inductor Symbol) 0.33 uH PCB Footprint: [Pad] --- 3.2mm --- [Pad] | | 2.5mm 2.5mm | | [Pad] ------------- [Pad] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the LLM3225-R33H?
    • ⤷ How does a wire-wound inductor compare to a multilayer inductor in performance?
    • ⤷ Can this inductor be used in high-frequency RF applications?