Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LLM3225-R39J

  • AI
    The **LLM3225-R39J** is a specific electronic component belonging to the category of **Surface Mount Device (SMD) Wire-wound Chip Inductors**. It is widely used in high-frequency circuits for signal processing and power filtering. --- ### 1. Part Number Breakdown The nomenclature of this part reveals its physical and electrical specifications: | Segment | Meaning | Description | | :--- | :--- | :--- | | **LLM** | Series | Indicates a multilayer or wire-wound high-frequency inductor series. | | **3225** | Case Size | Metric 3225 (EIA 1210). Dimensions: 3.2mm x 2.5mm. | | **R39** | Inductance | The "R" acts as a decimal point. $0.39 \mu H$ (390 nH). | | **J** | Tolerance | Indicates a $\pm 5\%$ tolerance range. | --- ### 2. Technical Specifications While exact specifications can vary slightly by manufacturer (e.g., Toko/Murata), the standard parameters for an R39J in a 3225 package are: * **Inductance:** $0.39 \mu H$ (390 nH) * **Tolerance:** $\pm 5\%$ * **Operating Temperature:** Generally $-40^\circ C$ to $+85^\circ C$ (or $+125^\circ C$ for automotive grades). * **Construction:** Wire-wound on a ceramic or ferrite core to ensure high $Q$ factors. * **Mounting Type:** Surface Mount (SMD/SMT). --- ### 3. Key Features * **High Q Factor:** Wire-wound construction provides lower DC resistance (DCR) and higher quality factors compared to multilayer types, making it ideal for RF applications. * **Self-Resonant Frequency (SRF):** Designed to maintain inductive characteristics at high frequencies before reaching its self-resonant point. * **Compact Footprint:** The 1210 (3225) size balances high current handling with PCB space efficiency. --- ### 4. Common Applications The LLM3225-R39J is typically found in: 1. **Telecommunications:** Base stations, cellular infrastructure, and GPS modules. 2. **RF Circuits:** Matching networks, filters, and oscillators. 3. **Consumer Electronics:** High-frequency signal lines in digital cameras or Bluetooth devices. 4. **Power Management:** Decoupling and noise suppression in high-speed data lines. --- ### 5. Equivalent/Alternative Consideration If this part is unavailable, engineers look for the following equivalents: * **Murata:** LQW or LQH series with similar 1210 footprints. * **TDK:** NLV32 series. * **Samsung:** CIG32 series.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Idc) for the LLM3225-R39J?
    • ⤷ How does the Q factor of a wire-wound inductor compare to a multilayer inductor?
    • ⤷ What are the soldering profile recommendations for 3225 SMD components?