AI

The **LLM3225-R56J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. These components are primarily used in signal processing and power management for high-frequency telecommunications and consumer electronics.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Part Number Deciphering
To understand the part, we can break down the alphanumeric code:
| Segment | Meaning | Value |
| :--- | :--- | :--- |
| **LLM** | Series Code | Low-loss multilayer or wire-wound series |
| **3225** | Case Size (Metric) | 3.2mm x 2.5mm (EIA 1210) |
| **R56** | Inductance Value | 0.56 µH (microhenries) |
| **J** | Tolerance | ±5% |
---
### 2. Key Technical Specifications
Based on standard industry data for this part class:
* **Inductance:** 560 nH (0.56 µH)
* **Tolerance:** ±5% (Standard for signal inductors)
* **Operating Temperature:** Generally -40°C to +125°C
* **Core Material:** Ceramic or Ferrite (depending on specific manufacturer variant, usually ferrite for R56 values to maintain higher Q).
* **Self-Resonant Frequency (SRF):** Typically high, allowing the component to function effectively in the MHz range.
---
### 3. Electrical Performance Characteristics
#### A. High Q-Factor
The wire-wound construction allows for a high **Quality Factor (Q)**. This means the inductor has very low internal resistance relative to its inductance, resulting in minimal signal loss and sharper resonance peaks in filter circuits.
#### B. Direct Current Resistance (DCR)
Because it is a 3225 size inductor, it typically features a low DCR. This minimizes heat generation and voltage drops when DC current passes through the component.
#### C. Rated Current
The rated current (maximum current the part can handle without overheating or saturating) for an R56J inductor of this size is usually between **300mA and 600mA**, depending on the specific brand (e.g., Murata, TDK, or Taiyo Yuden).
---
### 4. Common Applications
* **RF Matching:** Used in impedance matching circuits for antennas.
* **Signal Filtering:** Low-pass or high-pass filters in wireless communication modules (Bluetooth, Wi-Fi).
* **DC/DC Converters:** Small power conversion stages in mobile devices.
* **EMI Suppression:** Reducing high-frequency noise in sensitive signal lines.
---
- ⤷
What are the equivalent replacements for the LLM3225 series from other manufacturers?
- ⤷ How does the wire-wound construction differ from multilayer inductors in terms of performance?
- ⤷ What is the maximum self-resonant frequency for a 0.56µH inductor?