Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LLM3225-R68J

  • AI
    The **LLM3225-R68J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. This specific component is commonly used in telecommunications and high-frequency RF circuits for signal filtering and impedance matching. Below is a detailed breakdown of its specifications and characteristics. ### 1. Part Number Deciphering To understand the component, we can break down the alphanumeric code: | Segment | Meaning | Description | | :--- | :--- | :--- | | **LLM** | Series | Multilayer or Wire-wound Inductor series (varies by manufacturer). | | **3225** | Case Size | Metric dimensions (3.2mm x 2.5mm), equivalent to EIA **1210**. | | **R68** | Inductance | **0.68 µH** (The 'R' acts as a decimal point). | | **J** | Tolerance | **±5%** (Standard precision for high-frequency inductors). | --- ### 2. Key Technical Specifications While exact values can vary slightly between manufacturers (like Murata, TDK, or generic brands), the standard specs for an R68J 3225 inductor are: * **Inductance:** 0.68 µH (680 nH) * **Tolerance:** ±5% * **Case Size:** 3.2 x 2.5 x 2.2 mm (1210 package) * **Rated Current ($I_{dc}$):** Typically ranges from **300mA to 450mA** (depending on heat rise). * **DC Resistance (DCR):** Usually around **0.30Ω to 0.50Ω**. * **Self-Resonant Frequency (SRF):** Typically high, often above **150-200 MHz**. * **Operating Temperature:** Generally **-40°C to +85°C** or +125°C. --- ### 3. Construction and Features * **Wire-Wound Technology:** Unlike thin-film or multilayer inductors, wire-wound versions offer a higher **Q-factor** (Quality Factor), meaning lower energy loss at high frequencies. * **Ceramic/Ferrite Core:** Usually wound around a ceramic or ferrite core to provide stable inductance values across a wide frequency range. * **Shielding:** Most 3225 inductors of this type are **unshielded**, which allows for a smaller form factor but requires careful PCB placement to avoid EMI interference. --- ### 4. Common Applications Due to its 0.68 µH value and 1210 footprint, it is frequently found in: 1. **RF Circuits:** Matching networks for antennas. 2. **Filtering:** Low-pass filters in wireless communication devices (WiFi, Bluetooth). 3. **Decoupling:** Removing high-frequency noise from power supply lines in mobile electronics. 4. **Oscillators:** Used in LC tank circuits to set specific frequencies. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor in this size?
    • ⤷ How does the Q-factor of the LLM3225-R68J affect its performance in RF circuits?
    • ⤷ What are the equivalent alternative part numbers for the LLM3225-R68J?