Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LM-FW2-R/

  • AI
    The **LM-FW2-R** is a specific electronic component primarily associated with **industrial interface conversion**, specifically acting as a **FireWire (IEEE 1394) to Fiber Optic extension module**. It is commonly used in machine vision, industrial automation, and medical imaging where FireWire data needs to be transmitted over long distances without electromagnetic interference. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and operational characteristics of the LM-FW2-R series: | Feature | Specification | | :--- | :--- | | **Interface Type** | FireWire 800 (IEEE 1394b) | | **Data Rate** | Up to 800 Mbps | | **Fiber Connector** | SFP (Small Form-factor Pluggable) / LC Duplex | | **Transmission Distance** | 500m (Multimode) to 10km+ (Singlemode) | | **Power Input** | 12V - 24V DC (Industrial Grade) | | **Operating Temp** | -20°C to +70°C | --- ### 2. Core Electronic Subsystems The LM-FW2-R functions through several critical internal stages: 1. **Physical Layer (PHY) Controller:** This chip handles the IEEE 1394b signaling. It manages the handshaking with the connected camera or computer and ensures the 800Mbps clock synchronization. 2. **Fiber Optic Transceiver (SFP):** The module converts the electrical differential signals from the FireWire copper cable into light pulses (photons). This allows the signal to travel through optical fiber, which is immune to the EMI (Electromagnetic Interference) found in factory environments. 3. **Power Management Unit (PMU):** Since FireWire cables often carry power (Bus Power), the LM-FW2-R includes circuitry to either pass through or isolate power to protect sensitive industrial equipment. 4. **Signal Re-clocking:** To prevent data loss over long distances, the device includes a "jitter cleaner" circuit that reconstructs the timing of the data packets before they are converted back to electrical signals. --- ### 3. Connection Schematic Example In a typical setup, the LM-FW2-R acts as a "bridge" between the controller and the peripheral: ```text [PC/Host] <--> [FireWire Cable] <--> [LM-FW2-R Transmitter] | [Optical Fiber] | [Camera] <--> [FireWire Cable] <--> [LM-FW2-R Receiver] ``` --- ### 4. Common Applications * **Machine Vision:** Connecting high-speed 1394b cameras to servers located in a different room. * **Medical Imaging:** Isolation of electrical signals in MRI or X-ray environments to ensure patient safety and signal clarity. * **Aerospace Testing:** Remote monitoring of sensors where copper cabling would be too heavy or prone to interference.
    ✨ Follow-up Questions
    • ⤷What is the difference between LM-FW2-R and a standard FireWire hub?
    • ⤷ Can I use single-mode fiber with this module?
    • ⤷ Does this device require specific software drivers?